Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 217 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 217 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 213Page - National Semiconductor (TI) GX1 Datasheet HTML 214Page - National Semiconductor (TI) GX1 Datasheet HTML 215Page - National Semiconductor (TI) GX1 Datasheet HTML 216Page - National Semiconductor (TI) GX1 Datasheet HTML 217Page - National Semiconductor (TI) GX1 Datasheet HTML 218Page - National Semiconductor (TI) GX1 Datasheet HTML 219Page - National Semiconductor (TI) GX1 Datasheet HTML 220Page - National Semiconductor (TI) GX1 Datasheet HTML 221Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 247 page
background image
Revision 1.0
217
www.national.com
Instruction Set (Continued)
8.1.5.2
index Field (Index Selection)
The index field (Table 8-14) specifies the index register
used by the offset mechanism for offset address calcula-
tion. When no index register is used (index field = 100), the
ss value must be 00 or the effective address is undefined.
8.1.5.3
Base Field (s-i-b Present)
In Table 8-8, the note “s-i-b is present” for certain entries
forces the use of the mod and base field as listed in Table
8-15. The first two digits in the first column of Table 8-15
identifies the mod bits in the mod r/m byte. The last three
digits in the first column of this table identify the base fields
in the s-i-b byte.
Table 8-14. index Field Encoding
Index Field
Index Register
000
EAX
001
ECX
010
EDX
011
EBX
100
none
101
EBP
110
ESI
111
EDI
Table 8-15. mod base Field Encoding
mod Field
within
mode/rm
Byte
(bits 7:6)
base Field
within
s-i-b
Byte
(bits 2:0)
32-Bit Address Mode
with mod r/m and s-i-b
Bytes Present
00
000
DS:[EAX+(scaled index)]
00
001
DS:[ECX+(scaled index)]
00
010
DS:[EDX+(scaled index)]
00
011
DS:[EBX+(scaled index)]
00
100
SS:[ESP+(scaled index)]
00
101
DS:[d32+(scaled index)]
00
110
DS:[ESI+(scaled index)]
00
111
DS:[EDI+(scaled index)]
01
000
DS:[EAX+(scaled index)+d8]
01
001
DS:[ECX+(scaled index)+d8]
01
010
DS:[EDX+(scaled index)+d8]
01
011
DS:[EBX+(scaled index)+d8]
01
100
SS:[ESP+(scaled index)+d8]
01
101
SS:[EBP+(scaled index)+d8]
01
110
DS:[ESI+(scaled index)+d8]
01
111
DS:[EDI+(scaled index)+d8]
10
000
DS:[EAX+(scaled index)+d32]
10
001
DS:[ECX+(scaled index)+d32]
10
010
DS:[EDX+(scaled index)+d32]
10
011
DS:[EBX+(scaled index)+d32]
10
100
SS:[ESP+(scaled index)+d32]
10
101
SS:[EBP+(scaled index)+d32]
10
110
DS:[ESI+(scaled index)+d32]
10
111
DS:[EDI+(scaled index)+d32]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com