Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 216 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 216 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 212Page - National Semiconductor (TI) GX1 Datasheet HTML 213Page - National Semiconductor (TI) GX1 Datasheet HTML 214Page - National Semiconductor (TI) GX1 Datasheet HTML 215Page - National Semiconductor (TI) GX1 Datasheet HTML 216Page - National Semiconductor (TI) GX1 Datasheet HTML 217Page - National Semiconductor (TI) GX1 Datasheet HTML 218Page - National Semiconductor (TI) GX1 Datasheet HTML 219Page - National Semiconductor (TI) GX1 Datasheet HTML 220Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 247 page
background image
www.national.com
216
Revision 1.0
Instruction Set (Continued)
8.1.4
reg Field
The reg field (Table 8-10) determines which general regis-
ters are to be used. The selected register is dependent on
whether a 16- or 32-bit operation is current and on the
status of the w bit.
8.1.4.1
sreg2 Field (ES, CS, SS, DS Register
Selection)
The sreg2 field (Table 8-11) is a 2-bit field that allows one
of the four 286-type segment registers to be specified.
8.1.4.2
sreg3 Field (FS and GS Segment Register
Selection)
The sreg3 field (Table 8-12) is 3-bit field that is similar to
the sreg2 field, but allows use of the FS and GS segment
registers.
8.1.5
s-i-b Byte (Scale, Indexing, Base)
The s-i-b fields provide scale factor, indexing and a base
field for address selection. The ss, index and base fields are
described next.
8.1.5.1
ss Field (Scale Selection)
The ss field (Table 8-13) specifies the scale factor used in
the offset mechanism for address calculation. The scale
factor multiplies the index value to provide one of the com-
ponents used to calculate the offset address.
Table 8-9. General Registers Selected by mod r/m
Fields and w Field
mod
r/m
16-Bit
Operation
32-Bit
Operation
w= 0
w =1
w = 0
w =1
11
000
AL
AX
AL
EAX
11
001
CL
CX
CL
ECX
11
010
DL
DX
DL
EDX
11
011
BL
BX
BL
EBX
11
100
AH
SP
AH
ESP
11
101
CH
BP
CH
EBP
11
110
DH
SI
DH
ESI
11
111
BH
DI
BH
EDI
Table 8-10. General Registers Selected by reg
Field
reg
16-Bit Operation
32-Bit Operation
w=0
w = 1
w=0
w = 1
000
AL
AX
AL
EAX
001
CL
CX
CL
ECX
010
DL
DX
DL
EDX
011
BL
BX
BL
EBX
100
AH
SP
AH
ESP
101
CH
BP
CH
EBP
110
DH
SI
DH
ESI
111
BH
DI
BH
EDI
Table 8-11. sreg2 Field Encoding
sreg2 Field
Segment Register Selected
00
ES
01
CS
10
SS
11
DS
Table 8-12. sreg3 Field Encoding
sreg3 Field
Segment Register Selected
000
ES
001
CS
010
SS
011
DS
100
FS
101
GS
110
Undefined
111
Undefined
Table 8-13. ss Field Encoding
ss Field
Scale Factor
00
x1
01
x2
01
x4
11
x8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com