Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 215 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 215 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 211Page - National Semiconductor (TI) GX1 Datasheet HTML 212Page - National Semiconductor (TI) GX1 Datasheet HTML 213Page - National Semiconductor (TI) GX1 Datasheet HTML 214Page - National Semiconductor (TI) GX1 Datasheet HTML 215Page - National Semiconductor (TI) GX1 Datasheet HTML 216Page - National Semiconductor (TI) GX1 Datasheet HTML 217Page - National Semiconductor (TI) GX1 Datasheet HTML 218Page - National Semiconductor (TI) GX1 Datasheet HTML 219Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 247 page
background image
Revision 1.0
215
www.national.com
Instruction Set (Continued)
8.1.2.3
s Field (Immediate Data Field Size)
When used, the 1-bit s field determines the size of the
immediate data field. If the s bit is set, the immediate field
of the opcode is 8 bits wide and is sign-extended to match
the operand size of the opcode. See Table 8-6.
8.1.2.4
eee Field (MOV-Instruction Register
Selection)
The eee field (bits [5:3]) is used to select the control, debug
and test registers in the MOV instructions. The type of reg-
ister and base registers selected by the eee field are listed
in Table 8-7. The values shown in Table 8-7 are the only valid
encodings for the eee bits.
8.1.3
mod and r/m Byte (Memory Addressing)
The mod and r/m fields within the mod r/m byte, select the
type of memory addressing to be used. Some instructions
use a fixed addressing mode (e.g., PUSH or POP) and
therefore, these fields are not present. Table 8-8 lists the
addressing method when 16-bit addressing is used and a
mod r/m byte is present. Some mod r/m field encodings are
dependent on the w field and are shown in Table 8-9.
Table 8-6. s Field Encoding
s
Field
Immediate Field Size
8-Bit
Operand
Size
16-Bit
Operand Size
32-Bit
Operand Size
0 (or not
present)
8bits
16bits
32 bits
18 bits
8 bits
(sign-
extended)
8bits
(sign-
extended)
Table 8-7. eee Field Encoding
eee Field
Register Type
Base Register
000
Control Register
CR0
010
Control Register
CR2
011
Control Register
CR3
100
Control Register
CR4
000
Debug Register
DR0
001
Debug Register
DR1
010
Debug Register
DR2
011
Debug Register
DR3
110
Debug Register
DR6
111
Debug Register
DR7
011
Test Register
TR3
100
Test Register
TR4
101
Test Register
TR5
110
Test Register
TR6
111
Test Register
TR7
Table 8-8. mod r/m Field Encoding
mod
Field
r/m
Field
16-Bit Address
Mode with
mod r/m Byte1
1.
d8 refers to 8-bit displacement, d16 refers to 16-bit displace-
ment, and d32 refers to a 32-bit displacement.
32-Bit Address
Mode with mod r/m
Byte and No s-i-b
Byte Present1
00
000
DS:[BX+SI]
DS:[EAX]
00
001
DS:[BX+DI]
DS:[ECX]
00
010
SS:[BP+SI]
DS:[EDX]
00
011
SS:[BP+DI]
DS:[EBX]
00
100
DS:[SI]
s-i-b is present
(See Table 8-15)
00
101
DS:[DI]
DS:[d32]
00
110
DS:[d16]
DS:[ESI]
00
111
DS:[BX]
DS:[EDI]
01
000
DS:[BX+SI+d8]
DS:[EAX+d8]
01
001
DS:[BX+DI+d8]
DS:[ECX+d8]
01
010
SS:[BP+SI+d8]
DS:[EDX+d8]
01
011
SS:[BP+DI+d8]
DS:[EBX+d8]
01
100
DS:[SI+d8]
s-i-b is present
(See Table 8-15)
01
101
DS:[DI+d8]
SS:[EBP+d8]
01
110
SS:[BP+d8]
DS:[ESI+d8]
01
111
DS:[BX+d8]
DS:[EDI+d8]
10
000
DS:[BX+SI+d16]
DS:[EAX+d32]
10
001
DS:[BX+DI+d16]
DS:[ECX+d32]
10
010
SS:[BP+SI+d16]
DS:[EDX+d32]
10
011
SS:[BP+DI+d16]
DS:[EBX+d32]
10
100
DS:[SI+d16]
s-i-b is present
(See Table 8-15)
10
101
DS:[DI+d16]
SS:[EBP+d32]
10
110
SS:[BP+d16]
DS:[ESI+d32]
10
111
DS:[BX+d16]
DS:[EDI+d32]
11
xxx
See Table 8-9.
See Table 8-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com