Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 219 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 219 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 215Page - National Semiconductor (TI) GX1 Datasheet HTML 216Page - National Semiconductor (TI) GX1 Datasheet HTML 217Page - National Semiconductor (TI) GX1 Datasheet HTML 218Page - National Semiconductor (TI) GX1 Datasheet HTML 219Page - National Semiconductor (TI) GX1 Datasheet HTML 220Page - National Semiconductor (TI) GX1 Datasheet HTML 221Page - National Semiconductor (TI) GX1 Datasheet HTML 222Page - National Semiconductor (TI) GX1 Datasheet HTML 223Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 247 page
background image
Revision 1.0
219
www.national.com
Instruction Set (Continued)
8.2.1.2
CPUID Instruction with EAX = 0000 0001h
Standard function 01h (EAX = 1) of the CPUID instruction
returns the processor type, family, model, and stepping
information of the current processor in the EAX register
(see Table 8-18). The EBX and ECX registers are
reserved.
The standard feature flags supported are returned in the
EDX register as shown in Table 8-19. Each flag refers to a
specific feature and indicates if that feature is present on
the processor. Some of these features have protection con-
trol in CR4. Before using any of these features on the pro-
cessor, the software should check the corresponding
feature flag. Attempting to execute an unavailable feature
can cause exceptions and unexpected behavior. For exam-
ple, software must check EDX bit 4 before attempting to
use the Time Stamp Counter instruction.
8.2.1.3
CPUID Instruction with EAX = 00000002h
Standard function 02h (EAX = 02h) of the CPUID instruc-
tion returns information that is specific to the National
Semiconductor family of processors. Information about the
TLB is returned in EAX as shown in Table 8-20. Information
about the L1 cache is returned in EDX.
Table 8-18. EAX, EBX, ECX CPUID Data Returned
when EAX = 1
Register
Returned
Contents
Description
EAX[3:0]
xx
Stepping ID
EAX[7:4]
4
Model
EAX[11:8]
5
Family
EAX[15:12]
0
Type
EAX[31:16]
-
Reserved
EBX
-
Reserved
ECX
-
Reserved
Table 8-19. EDX CPUID Data Returned
when EAX = 1
EDX
Returned
Content1
Feature Flag
CR4
Bit
EDX[0]
1
FPU On-Chip
-
EDX[1]
0
Virtual Mode Extension
-
EDX[2]
0
Debug Extensions
-
EDX[3]
0
Page Size Extensions
-
EDX[4]
1
Time Stamp Counter
2
EDX[5]
1
RDMSR / WRMSR
Instructions
-
EDX[6]
0
Physical Address
Extensions
-
EDX[7]
0
Machine Check Excep-
tion
-
EDX[8]
1
CMPXCHG8B Instruction
-
EDX[9]
0
On-Chip APIC Hardware
-
EDX[10]
0
Reserved
-
EDX[11]
0
SYSENTER / SYSEXIT
Instructions
-
EDX[12]
0
Memory Type Range
Registers
-
EDX[13]
0
Page Global Enable
-
EDX[14]
0
Machine Check
Architecture
-
EDX[15]
1
Conditional Move
Instructions
-
EDX[16]
0
Page Attribute Table
-
EDX[22:17]
0
Reserved
-
EDX[23]
1
MMX Instructions
-
EDX[24]
0
Fast FPU Save and
Restore
-
EDX[31:25]
0
Reserved
-
1.
0 = Not Supported
Table 8-20. Standard CPUID with
EAX = 00000002h
Register
Returned
Contents
Description
EAX
xx xx 70 xxh
TLB is 32 entry, 4-way set asso-
ciative, and has 4 KB pages.
EAX
xx xx xx 01h
The CPUID instruction needs to
be executed only once with an
input value of 02h to retrieve com-
plete information about the cache
and TLB.
EBX
Reserved
ECX
Reserved
EDX
xxxxxx80h
L1 cacheis16KB, 4-wayset
associated, and has 16 bytes per
line.
Table 8-19. EDX CPUID Data Returned
when EAX = 1 (Continued)
EDX
Returned
Content1
Feature Flag
CR4
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com