Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 220 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 220 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 216Page - National Semiconductor (TI) GX1 Datasheet HTML 217Page - National Semiconductor (TI) GX1 Datasheet HTML 218Page - National Semiconductor (TI) GX1 Datasheet HTML 219Page - National Semiconductor (TI) GX1 Datasheet HTML 220Page - National Semiconductor (TI) GX1 Datasheet HTML 221Page - National Semiconductor (TI) GX1 Datasheet HTML 222Page - National Semiconductor (TI) GX1 Datasheet HTML 223Page - National Semiconductor (TI) GX1 Datasheet HTML 224Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 247 page
background image
www.national.com
220
Revision 1.0
Instruction Set (Continued)
8.2.2
Extended CPUID Levels
Testing for extended CPUID instruction support can be
accomplished by executing a CPUID instruction with the
EAX register initialized to 80000000h. If a value greater
than or equal to 80000000h is returned to the EAX regis-
ter by the CPUID instruction, the processor supports
extended CPUID levels.
8.2.2.1
CPUID Instruction with EAX = 8000 0000h
Extended function 80000000h (EAX = 80000000h) of the
CPUID instruction returns the maximum extended CPUID
levels supported by the current processor in EAX (Table 8-
21). The EBX, ECX, and EDX registers are currently
reserved.
8.2.2.2
CPUID Instruction with EAX = 80000001h
Extended function 80000001h (EAX = 80000001h) of the
CPUID instruction returns the processor type, family,
model, and stepping information of the current processor
in EAX. The EBX and ECX registers are reserved.
The extended feature flags supported are returned in the
EDX register as shown in Table 8-23. Each flag refers to a
specific feature and indicates if that feature is present on
the processor. Some of these features have protection
control in CR4. Before using any of these features on the
processor, the software should check the corresponding
feature flag.
Table 8-21. Maximum Extended CPUID Level
Register
Returned
Contents
Description
EAX
8000 0005h
Maximum Extended CPUID
Level (six levels)
EBX
-
Reserved
ECX
-
Reserved
EDX
-
Reserved
Table 8-22. EAX, EBX, ECX CPUID Data
Returned when EAX = 80000001h
Register
Returned
Contents
Description
EAX[3:0]
xx
Stepping ID
EAX[7:4]
4
Model
EAX[11:8]
5
Family
EAX[15:12]
0
Processor Type
EAX[31:16]
-
Reserved
EBX
-
Reserved
ECX
-
Reserved
Table 8-23. EDX CPUID Data Returned
when EAX = 80000001h
EDX
Returned
Contents1
1.
0 = Not supported
Feature Flag
CR4
Bit
EDX[0]
1
FPU On-Chip
-
EDX[1]
0
Virtual Mode Extension
-
EDX[2]
0
Debugging Extension
-
EDX[3]
0
Page Size Extension
(4 MB)
-
EDX[4]
1
Time Stamp Counter
2
EDX[5]
1
Model-Specific Registers
(via RDMSR / WRMSR
Instructions)
-
EDX[6]
0
Reserved
-
EDX[7]
0
Machine Check Exception
-
EDX[8]
1
CMPXCHG8B Instruction
-
EDX[9]
0
Reserved
-
EDX[10]
0
Reserved
-
EDX[11]
0
SYSCALL / SYSRET
Instruction
-
EDX[12]
0
Reserved
-
EDX[13]
0
Page Global Enable
-
EDX[14]
0
Reserved
-
EDX[15]
1
Integer Conditional Move
Instruction
-
EDX[16]
0
FPU Conditional Move
Instruction
-
EDX[22:17]
0
Reserved
-
EDX[23]
1
MMX
-
EDX[24]
1
6x86MX Multimedia
Extensions
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com