Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 257 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 257 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 253Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 254Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 255Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 256Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 257Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 258Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 259Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 260Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 261Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 323 page
background image
027
DSLICE
R/W
DSLICE[7]
DSLICE[6]
DSLICE[5]
DSLICE[4]
DSLICE[3]
DSLICE[2]
DSLICE[1]
DSLICE[0]
028
EQ_OUT
R/W
EQOUT[7]
EQOUT[6]
EQOUT[5]
EQOUT[4]
EQOUT[3]
EQOUT[2]
EQOUT[1]
EQOUT[0]
029
VGA
R
——
VGA[5]
VGA[4]
VGA[3]
VGA[2]
VGA[1]
VGA[0]
02A
PRE_EQ
R/W
FORCE
ON
VTHRESH[5]
VTHRESH[4]
VTHRESH[3]
VTHRESH[2]
VTHRESH[1]
VTHRESH[0]
030–037
COEFF
R
COEFF[7]
COEFF[6]
COEFF[5]
COEFF[4]
COEFF[3]
COEFF[2]
COEFF[1]
COEFF[0]
038–03C
GAIN
R/W
———
GAIN[4]
GAIN[3]
GAIN[2]
GAIN[1]
GAIN[0]
Table 3-30. Receiver Registers
ADDR
(hex)
Register
Label
Read
Write
Bit Number
7
6
5
4
3
2
1
0
040
RCR0
R/W
RAMI
RABORT
RFORCE
RLOFD
RLOFC
RLOFB
RLOFA
RZCS
041
RPATT
R/W
——
RESEED
BSTART
FRAMED
ZLIMIT
RPATT[1]
RPATT[0]
042
RLB
R/W
———
—
DN_LEN[1]
DN_LEN[0]
UP_LEN[1]
UP_LEN[0]
043
LBA
R/W
LBA[1]
LBA[2]
LBA[3]
LBA[4]
LBA[5]
LBA[6]
LBA[7]
—
044
LBD
R/W
LBD[1]
LBD[2]
LBD[3]
LBD[4]
LBD[5]
LBD[6]
LBD[7]
—
045
RALM
R/W
——
FS_NFAS
EXZ_LCV
YEL_INTEG
RLOF_INTEG
0
RPCM_AIS
046
LATCH
R/W
———
—
STOP_CNT
LATCH_CNT
LATCH_ERR
LATCH_ALM
047
ALM1
R
RMYEL
RYEL
—
RAIS
RALOS
RLOS
RLOF
SIGFRZ
048
ALM2
R
LOOPDN
LOOPUP
—
TSHORT
TLOC
—
TLOF
—
049
ALM3
R
—
RMAIS
SEF
SRED
MRED
FRED
LOF[1]
LOF[0]
Table 3-29. Receive LIU Registers (2 of 2)
ADDR
(hex)
Register
Label
Read
Write
Bit Number
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com