Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 256 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 256 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 252Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 253Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 254Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 255Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 256Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 257Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 258Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 259Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 260Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 323 page
background image
Table 3-28. Primary Control and Status Registers
ADDR
(hex)
Register
Label
Read
Write
Bit Number
7
6
5
4
3
2
1
0
014
LOOP
R/W
———
—
PLOOP
LLOOP
FLOOP
ALOOP
015
DL3_TS
R/W
DL3EN
FS[1]
FS[0]
TS[4]
TS[3]
TS[2]
TS[1]
TS[0]
016
DL3_BIT
R/W
DL3_BIT[7]
DL3_BIT[6]
DL3_BIT[5]
DL3_BIT[4]
DL3_BIT[3]
DL3_BIT[2]
DL3_BIT[1]
DL3_BIT[0]
017
FSTAT
R
———
INVALID
FOUND
TIMEOUT
ACTIVE
RX/TXN
018
PIO
R/W
ONESEC_IO
RDL_IO
TDL_IO
INDY_IO
RFSYNC_IO
RMSYNC_IO
TFSYNC_IO
TMSYNC_IO
019
POE
R/W
——
TDL_OE
RDL_OE
INDY_OE
TCKO_OE
CLADO_OE
RCKO_OE
01A
CMUX
R/W
RSBCKI[1]
RSBCKI[0]
TSBCKI[1]
TSBCKI[0]
CLADI[1]
CLADI[0]
TCKI[1]
TCKI[0]
01B
TMUX
R/W
——
TMUX[5]
TMUX[4]
TMUX[3]
TMUX[2]
TMUX[1]
TMUX[0]
01C
TEST
R/W
———
——
—
TEST[1]
TEST[0]
Table 3-29. Receive LIU Registers (1 of 2)
ADDR
(hex)
Register
Label
Read
Write
Bit Number
7
6
5
4
3
2
1
0
020
LIU_CR
R/W
RST_LIU
SQUELCH
FORCE_VGA
RDIGI
ATTN[1]
ATTN[0]
—
1
021
RSTAT
R
CPDERR
JMPTY
ZCSUB
EXZ
BPV
—
EYEOPEN
PRE_EQ
022
RLIU_CR
R/W
FRZ_SHORT
HI_CSLICE
AGC[1]
AGC[0]
EQ_FRZ
OOR_BLOCK
RLB0
LONG_EYE
023
LPF
R/W
—
LPF[6]
LPF[5]
LPF[4]
LPF[3]
LPF[2]
LPF[1]
LPF[0]
024
VGA_MAX
R/W
——
VGA_MAX[5]
VGA_MAX[4]
VGA_MAX[3]
VGA_MAX[2]
VGA_MAX[1]
VGA_MAX[0]
025
EQ_DAT
R/W
EQ_DAT[7]
EQ_DAT[6]
EQ_DAT[5]
EQ_DAT[4]
EQ_DAT[3]
EQ_DAT[2]
EQ_DAT[1]
EQ_DAT[0]
026
EQ_PTR
R/W
——
EQ_PTR[5]
EQ_PTR[4]
EQ_PTR[3]
EQ_PTR[2]
EQ_PTR[1]
EQ_PTR[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com