Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 255 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 255 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 251Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 252Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 253Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 254Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 255Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 256Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 257Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 258Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 259Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 323 page
background image
Table 3-26. Interrupt Status Registers
ADDR
(hex)
Register
Label
Read
Write
Bit Number
7
6
5
4
3
2
1
0
004
ISR7
R
RMYEL
RYEL
RPDV
RAIS
RALOS
RLOS
RLOF
SIGFRZ
005
ISR6
R
LOOPDN
LOOPUP
TPDV
TSHORT
TLOC
—
TLOF
ONESEC
006
ISR5
R
TSLIP
RSLIP
CKERR
JERR
CERR
SERR
MERR
FERR
007
ISR4
R
FRED[4]
COFA[2]
SEF[2]
BERR[12]
FEBE[10]
LCV[16]
CRC[10]
FERR[12]
008
ISR3
R
TSIG
TMSYNC
TMF
TFRAME
RSIG
RMSYNC
RMF
RFRAME
009
ISR2
R
TBOP
RFULL1
RNEAR1
RMSG1
TDLERR1
TEMPTY1
TNEAR1
TMSG1
00A
ISR1
R
RBOP
RFULL2
RNEAR2
RMSG2
TDLERR2
TEMPTY2
TNEAR2
TMSG2
00B
ISR0
R
——
BSLIP
PSYNC
TCERR
TSERR
TMERR
TFERR
Table 3-27. Interrupt Enable Registers
ADDR
(hex)
Register
Label
Read
Write
Bit Number
7
6
5
4
3
2
1
0
00C
IER7
R/W
RMYEL
RYEL
RPDV
RAIS
RALOS
RLOS
RLOF
SIGFRZ
00D
IER6
R/W
LOOPDN
LOOPUP
TPDV
TSHORT
TLOC
—
TLOF
ONESEC
00E
IER5
R/W
TSLIP
RSLIP
CKERR
JERR
CERR
SERR
MERR
FERR
00F
IER4
R/W
LOF
COFA
SEF
BERR
FEBE
LCV
CRC
FERR
010
IER3
R/W
TSIG
TMSYNC
TMF
TFRAME
RSIG
RMSYNC
RMF
RFRAME
011
IER2
R/W
TBOP
RFULL1
RNEAR1
RMSG1
TDLERR1
TEMPTY1
TNEAR1
TMSG1
012
IER1
R/W
RBOP
RFULL2
RNEAR2
RMSG2
RDLERR2
TEMPTY2
TNEAR2
TMSG2
013
IER0
R/W
——
BSLIP
PSYNC
TCERR
TSERR
TMERR
TFERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com