| Electronic Components Datasheet Search |
|
BT8376EPF Datasheet(PDF) 252 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Datasheet(HTML) 252 Page - Synaptics Incorporated. |
|
252 / 323 page ![]() Bt8370/8375/8376 3.17 System Bus Registers Fully Integrated T1/E1 Framer and Line Interface 3-134 Conexant N8370DSE RLOCAL Enable Local Signaling Output—Determines whether the RSIGO output signaling and RPCMO inserted signaling [INSERT; addr 0E0-0FF] are supplied from the RSIGn output buffer or processor-supplied local signaling from RSIGA–RSIGD. 0 = RSIGn buffer signaling 1 = RSIGA-RSIGD local signaling RSIGA–RSIGD Local Receive Signaling—When RLOCAL is active, these four bits are inserted into RSIGO instead of the buffered signaling from RSIGn. If both RLOCAL and INSERT are active, they are also inserted into RPCMO during system bus signaling frames. 0 = output signaling bit equals 0 1 = output signaling bit equals 1 1A0–1BF—Receive Signaling Buffer (RSIGn; n = 0 to 31) The Receive Signaling Buffer (RSIGn) contains all ABCD signaling inputs from all channels, regardless of whether signaling is active [SIG_STK; addr 180–19F]. RSIGn is not updated during signaling freeze conditions, or when the receive framer is configured in a non-signaling mode. Normal signaling buffer operation transfers ABCD input to ABCD output, coincident with the D-bit update (in T1 mode), or coincident with the receipt of the respective channel's ABCD signaling during TS16 (in E1 mode). When DEBOUNCE is active, output signaling for active channels is updated coincident with the sampling of each input signaling bit. This may cause the buffered output value to transition in the middle of the received multiframe. RSIGn[7] Output Signaling A Bit RSIGn[6] Output Signaling B Bit RSIGn[5] Output Signaling C Bit RSIGn[4] Output Signaling D Bit RSIG0 (E1) RSIG16 (E1 Mode) RSIGn[3] Input Signaling A Bit MAS.1 X.1 RSIGn[2] Input Signaling B Bit MAS.2 MYEL RSIGn[1] Input Signaling C Bit MAS.3 X.3 RSIGn[0] Input Signaling D Bit MAS.4 X.4 7 6 5 4 3 2 1 0 RSIGn[7] RSIGn[6] RSIGn[5] RSIGn[4] RSIGn[3] RSIGn[2] RSIGn[1] RSIGn[0] |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |