Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 248 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 248 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 244Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 245Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 246Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 247Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 248Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 249Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 250Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 251Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 252Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 323 page
background image
Bt8370/8375/8376
3.17 System Bus Registers
Fully Integrated T1/E1 Framer and Line Interface
3-130
Conexant
N8370DSE
TLOOP
Remote DS0 Channel Loopback—Transmits data supplied from RSLIP buffer contents.
TLOOP works in conjunction with other TPCn control bits to select the source of transmitted
data and signaling (see Table 3-23).
TIDLE
Transmit Idle—Transmit data supplied from TSLIP_LO buffer contents. The processor writes
an 8-bit idle pattern to TSLIP_LO for output on the selected time slot, or optionally writes
real-time data output to TSLIP_LO after each TFRAME interrupt [ISR3; addr 008]. Only
TSLIP_HI buffer is updated from TPCMI to allow continued local DS0 channel loopback.
0 = normal data output
1 = transmit idle data output
TLOCAL
Transmit Local Signaling—When active, TLOCAL transmits TSIGA–TSIGD values in output
ABCD signaling bits.
0 = TSIGO or RSIGO control output signaling
1 = transmit signaling from TSIGA–TSIGD
In E1, when it is attempted to merge signaling embedded in the TPCMI datastream with
signaling inserting by TLOCAL [TPCn; addr 100-11F], the signaling inserted by TLOCAL
appears two time slots early with TX_ALIGN bit set in [TSB_CR; addr 0D4]. Therefore,
signaling intended for TS1 would instead be inserted into TS31. TX_ALIGN needs to be set.
This offset does not occur during local signaling insertion for all 32 time slots. In T1,
transmitting local signaling should be synchronized with Transmit Multiframe interrupt
[TMF_IER3; addr 010]. This would avoid transmitting intermediate values.
TSIGA–TSIGD
Transmit Local Signaling—Holds the 4-bit ABCD signaling value, which is output when
TLOCAL is active. In AB only applications, such as T1/SF framing, TSIGC and TSIGD must
also be written with the same data as TSIGA and TSIGB. In E1 modes, TS0 and TS16 local
signaling value determines CAS multiframe alignment signal (MAS) and XYXX output.
Table 3-23. Remote DS0 Channel Loopback
TLOOP
TIDLE
TLOCAL
TSIGO
RSIGO
Sig Source
Data Source
Channel Mode
0
0
0
0
0
None
TPCMI
Clear Channel
0
0
0
0
1
RSIGn
TPCMI
Rx Signaling
0
0
0
1
0
TSIGn
TPCMI
Tx Signaling
00
1
X
X
TSIGA–D
TPCMI
Local Signaling
0
1
0
0
0
None
TSLIP_LO
Idle Code
0
1
0
0
1
RSIGn
TSLIP_LO
Idle Code Rx Signaling
0
1
0
1
0
TSIGn
TSLIP_LO
Idle Code Tx Signaling
01
1
X
X
TSIGA–D
TSLIP_LO
Idle Code Local Signaling
1
X
0
0
0
None
RXDATA
Remote Loop
1
X
0
0
1
RSIGn
RXDATA
Remote Loop Rx Signaling
1
X
0
1
0
TSIGn
RXDATA
Remote Loop Tx Signaling
1X
1
X
X
TSIGA–D
RXDATA
Remote Loop Local Signaling
NOTE(S):
If RX Signaling, RSIGn output buffer supplies transmit signaling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com