Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 246 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 246 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 242Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 243Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 244Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 245Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 246Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 247Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 248Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 249Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 250Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 323 page
background image
Bt8370/8375/8376
3.17 System Bus Registers
Fully Integrated T1/E1 Framer and Line Interface
3-128
Conexant
N8370DSE
0DD—RAM Parity Status (PERR)
All Bt8370/8375/8376 system bus data, signaling, and controls are transferred through a set of internal RAMs
with parity error detection capabilities. Any parity error detected during RAM access is reported in PERR. Each
error event is latched active-high and held until the processor read clears PERR. Parity errors are indicative of
system clock glitches (REFCKI, TSBCKI, or RSBCKI), a failing or excessively noisy power supply, or general
circuit failure.
PERR_TPC
TPC (Transmit) RAM Parity Error
PERR_RPC
RPC (Receive) RAM Parity Error
PERR_SBC
SBC (Control) RAM Parity Error
0E0–0FF—System Bus Per-Channel Control (SBCn; n = 0 to 31)
INSERT
Insert RX Signaling on RPCMO—Enables per-channel signaling insertion on RPCMO output,
where ABCD signaling is supplied by RLOCAL signaling (RPCn; addr 180–19F) or buffered
signaling [RSIGn; addr 1A0–IBF]. INSERT is a lower priority than no signaling (SIG_OFF;
addr 0D1). RSB signaling frame locations are specified by RMSYNC signal in conjunction
with the programmed frame offset [OFFSET; addr 0D8].
SIG_LP
Local Signaling Loopback—Instructs the receiver output signaling on RSIGO to be supplied
from TSIGn buffer contents. Signaling in RPCMO (T1-robbed bit or E1-CAS) is not affected.
0 = normal
1 = local signaling loopback
RLOOP
Local Loopback—RPCMO output data supplied from TSLIP buffer contents.
0 = normal
1 = local loopback
RINDO
Activate RINDO Time Slot Indicator—Receive system bus time slots are individually marked
(active-high for 8 bits) by RINDO. SBI_OE (addr 0D0) overrides RINDO.
0 = RINDO signal inactive (low)
1 = RINDO signal active (high)
TINDO
Activate TINDO Time Slot Indicator—Transmit system bus time slots are individually marked
(active-high for 8 bits) by TINDO.
0 = TINDO inactive
1 = TINDO active
7
6
5
4
3
2
1
0
—————
PERR_TPC
PERR_RPC
PERR_SBC
7
6
5
4
3
2
1
0
—
INSERT
SIG_LP
RLOOP
RINDO
TINDO
TSIG_AB
ASSIGN
SIG_OFF
INSERT
RLOCAL
RPCMO Inserted Signal
1X
X
None
0
1
0
ABCD from RSIGn output buffer
0
1
1
ABCD from RPCn local buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com