Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 242 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 242 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 238Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 239Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 240Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 241Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 242Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 243Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 244Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 245Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 246Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 323 page
background image
Bt8370/8375/8376
3.17 System Bus Registers
Fully Integrated T1/E1 Framer and Line Interface
3-124
Conexant
N8370DSE
TFSLIP
Controlled TSLIP Event—TUSLIP and TFSLIP event status are latched active-high when
transmit slip error is detected. Either event reports a TSLIP error in ISR5 [addr 006].
Active-high hold interval is defined by LATCH_ERR [addr 046].
Two types of errors are detected:
1.
FSLIP = Controlled
±frame slip on TX data output. FSLIP affects transmit
time slot data, but does not change the transmit timebase or frame
alignment.
2.
USLIP = Uncontrolled
±1 to ±256 bit slip on TX data. USLIP affects both
time slot data and frame alignment. TUSLIP and TFSLIP status depends
on the transmit system bus configuration [TSB_CR; addr 0D4].
TUSLIP
Uncontrolled TSLIP Event—See TFSLIP description.
RSDIR
Receive Slip Direction—RSDIR is updated each time an RSLIP error is latched in RFSLIP or
RUSLIP, and indicates which direction the slip occurred.
0 = RSLIP error deleted 1 frame on RPCMO or SBI resync detected
1 = RSLIP error repeated 1 frame on RPCMO or SBI time slot reassigned
TSBI Mode
TUSLIP
TFSLIP
TSLIP Event
Normal
0
0
none
0
1
FSLIP
10
USLIP
1
1(1)
Both FSLIP and USLIP
Short
0
0
none
0
1
FSLIP
10
USLIP
Elastic
0
N/A
none
1N/A
USLIP
Bypass
N/A
N/A
—
NOTE(S):
(1) Most recent slip error direction is reported in TSDIR.
2. TFSLIP not applicable (read zero value) if TSLIP bypassed or configured as elastic
store. TUSLIP not applicable if TSLIP bypassed. In Short-Delay mode, if the bus
clock is faster than the receive clock, the system bus resynchronizes and USLIP is be
reported. If the receive clock is faster, RSLIP reverts to Normal mode and reports
FSLIP errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com