Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 241 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 241 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 237Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 238Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 239Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 240Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 241Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 242Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 243Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 244Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 245Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.17 System Bus Registers
N8370DSE
Conexant
3-123
0D8—Signaling Reinsertion Frame Offset (RSYNC_FRM)
OFFSET[14:10]
RSB Sync Frame Offset—Selects which RSB frame number coincides with an RMSYNC
pulse in the range of frame 0–23. OFFSET specifies the frame in which RMSYNC is applied
as an input, or in which RMSYNC appears as an output—consequently locating RPCMO
signaling frames used for T1 robbed-bit (frames 6,12,18, and 24), or E1 CAS signaling
reinsertion. The only RPCMO channels affected are those with signaling insertion enabled
[INSERT; addr 0E0–0FF].
0D9—Slip Buffer Status (SSTAT)
SSTAT[7:0] is updated at the start of each respective receive/transmit internal frame boundary (i.e., 125
µs
interval). Each bit in SSTAT is latched upon event detection and held until cleared by a processor read.
TSDIR
Transmit Slip Direction—TSDIR is updated each time a TSLIP error is latched in TFSLIP, and
TSDIR indicates which direction the slip occurred.
0 = TSLIP error deleted 1 frame on TX data output
1 = TSLIP error repeated 1 frame on TX data output
7
6
5
4
3
2
1
0
———
OFFSET[14]
OFFSET[13]
OFFSET[12]
OFFSET[11]
OFFSET[10]
T1/E1N
OFFSET[14:10]
RMSYNC Pulse
0
X0000
RSB Frame 0
0
X0001
RSB Frame 1
||
|
0
X1110
RSB Frame 14
0
X1111
RSB Frame 15
1
00000
RSB Frame 1
1
00001
RSB Frame 2
||
|
1
10110
RSB Frame 23
1
10111
RSB Frame 24
7
6
5
4
3
2
1
0
TSDIR
TFSLIP
TUSLIP
—
RSDIR
RFSLIP
RUSLIP
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com