Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 237 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 237 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 233Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 234Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 235Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 236Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 237Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 238Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 239Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 240Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 241Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.17 System Bus Registers
N8370DSE
Conexant
3-119
0D5—TSB Sync Bit Offset (TSYNC_BIT)
OFFSET[2:0]
TSB Sync Bit Offset—Selects which TSB bit number coincides with TFSYNC and TMSYNC
sync pulses. Sync pulses are programmed to align to 1 bit in relation to TPCMI, TSIGI, and
TINDO time slots. If the sync pulses are desired to coincide with location of T1 F-bit or time
slot zero bit 1, OFFSET is programmed to equal 0. Sync bit offset is added to time slot offset
[TSYNC_TS; addr 0D6] to form a 10-bit OFFSET value that applies to TFSYNC and
TMSYNC location. Both TFSYNC and TMSYNC offsets are expressed as TSB.OFFSET,
allowing the system to generate or accept sync pulses at any bit location within the TSB frame.
0D6—TSB Sync Time Slot Offset (TSYNC_TS)
OFFSET[9:3]
TSB Sync Time Slot Offset—Selects which TSB time slot number coincides with TFSYNC
and TMSYNC sync pulses, in the range of time slots 0–127. If the sync pulses coincide with
location of T1 F-bit or TS0, OFFSET is programmed to equal 0.
7
6
5
4
3
2
1
0
—————
OFFSET[2]
OFFSET[1]
OFFSET[0]
OFFSET[2:0]
TSYNC Location
000
Bit 1 or F-bit
001
Bit 2
||
110
Bit 7
111
Bit 8
7
6
5
4
3
2
1
0
—
OFFSET[9]
OFFSET[8]
OFFSET[7]
OFFSET[6]
OFFSET[5]
OFFSET[4]
OFFSET[3]
2048, 1544, and 1536 kbps SBI Mode
OFFSET[9:3]
TSYNC Time Slot
0000000
0 or F-bit
0000001
1
||
0011110
30
0011111
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com