Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 235 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 235 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 231Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 232Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 233Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 234Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 235Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 236Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 237Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 238Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 239Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.17 System Bus Registers
N8370DSE
Conexant
3-117
0D4—Transmit System Bus Configuration (TSB_CR)
BUS_TSB
Enable Bussed TSB Output—Applicable only if system bus outputs are controlled by SBI
timebases [SBI_OE = 1; addr 0D0]. When BUS_TSB is active, TINDO outputs from multiple
devices are allowed to share a common transmit system bus connection. Unused time slots are
three-stated during bus groups not selected by SBI mode [addr 0D0]; otherwise, unused time
slots repeat their TINDO value for all bus groups.
0 = TINDO repeated for all bus groups
1 = three-state TINDO during unused time slots
TX_ALIGN
Transmitter Output Multiframe Aligns to TSB Timebase—Allows multiframe alignment
located at TSB (from TMSYNC or TFRAMER) to pass across TSLIP buffer and force the
corresponding multiframe alignment onto the transmitter timebase. Used primarily to pass
TMSYNC from system bus.
0 = Transmitter multiframe does not follow TSB
1 = Transmitter multiframe follows TSB multiframe
TPCM_NEG
Output Data on Falling Edge Clock—Selects TSBCKI rising or falling edge clock signal to
output TINDO and the opposite TSBCKI edge to sample TPCMI and TSIGI inputs.
0 = TINDO rising edge output (TPCMI and TSIGI falling edge inputs)
1 = TINDO falling edge outputs (TPCMI and TSIGI rising edge inputs)
8192 kbps SBI Mode
OFFSET[9:5]
OFFSET[4:3]
RSYNC Time Slot
Group
00000
00
0
A
00000
01
0
B
00000
10
0
C
00000
11
0
D
00001
00
1
A
00001
01
1
B
00001
10
1
C
00001
11
1
D
||
|
|
11110
00
30
A
11110
01
30
B
11110
10
30
C
11110
11
30
D
11111
00
31
A
11111
01
31
B
11111
10
31
C
11111
11
31
D
NOTE(S):
Offsets outside the RSB timebase range result in no pulses on RFSYNC and
RMSYNC outputs.
7
6
5
4
3
2
1
0
BUS_TSB
TX_ALIGN
TPCM_NEG
TSYN_NEG
TSB_ALIGN
TSB_CTR
TSBI[1]
TSBI[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com