Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 231 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 231 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 227Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 228Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 229Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 230Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 231Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 232Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 233Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 234Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 235Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.17 System Bus Registers
N8370DSE
Conexant
3-113
EMBED
EMBED instructs the transmit framer (refer to [TABORT; addr 071] to align TX timebase with
respect to frame and multiframe alignment embedded in TXDATA, the transmit line rate data
output from TSLIP. If TSLIP is enabled, EMBED is inactive, and overhead is bypassed, TX
timebase is not guaranteed to align to TXDATA, and bypassed overhead cannot reliably pass
through TSLIP. EMBED is applicable to all system bus modes.
SBI[3:0]
System Bus Interface mode—Defines transmit and receive system bus data format. System
buses operate in one of nine basic formats which differ in the number of total available data
time slots and the associated system bus clock rate. If the total time slots are a multiple of 32,
SBI also defines which bus group of 32 byte-interleaved time slots are assigned to the
respective device.
EMBED
T1/E1N
Embedded Framing Mode
0
x
Transmit framer searches TPCMI
1
0
TS0 Embedded; search TXDATA
1
1
G.802; search TXDATA
NOTE(S):
Embedded F-bits reach TX output only if frame formatter [TFRM;
addr 072] is in Bypass or Transparent mode.
TS0 Embedded The offline framer examines TXDATA to align TX timebase to
the embedded FAS pattern. If MFAS is also enabled
[TFRAME; addr 070], the transmit online framer examines
TXDATA to align TX timebase to the embedded MFAS pattern.
While EMBED is active, TXDATA output is monitored, and
transmit frame errors are reported in ISR0 [addr 00B].
Embedded TS0 supports E1 overhead bypass options for
applications where TSLIP buffer is enabled.
G.802
Embedded
Automatically supports ITU–T Recommendation G.802, which
defines frame format conversion between T1 and E1 line rates
by locating T1 F-bits in Bit 1 of time slot 26 of each system bus
frame. G.802 embedded mode is applicable for system buses
that are 1x, 2x, or 4x multiples of the E1 line rate. Full
implementation of G.802 also requires the processor to program
TS0, TS16, and TS26–TS31 as unassigned system bus time
slots [SBCn; addr 0E0–0FF].
SBI[3:0]
Mode
Clock (Kobe)
Total Time Slots
Bus Group
0000
128A
8192
128
Group 0
0001
128B
8192
128
Group 1
0010
128C
8192
128
Group 2
0011
128D
8192
128
Group 3
0100
64A
4096
64
Group 0
0101
64B
4096
64
Group 1
0110
32
2048
32
—
0111
24
1544
24 + F-bit
—
1000
24
1536
24
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com