Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 230 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 230 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 226Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 227Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 228Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 229Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 230Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 231Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 232Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 233Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 234Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 323 page
background image
Bt8370/8375/8376
3.17 System Bus Registers
Fully Integrated T1/E1 Framer and Line Interface
3-112
Conexant
N8370DSE
3
3.17 System Bus Registers
Unused bits indicated by a dash (—) are reserved and should be written to 0. Writing to reserved bits has no effect.
0D0—System Bus Interface Configuration (SBI_CR)
X2CLK
Enable Times 2 Clocks—X2CLK modifies the number of RSB/TSB clock cycles used to clock
a single data bit onto RSB and TSB. When X2CLK is active, two RSBCKI/TSBCKI clock
cycles occur for each RPCMO, RSIGO, SIGFRZ, TPCMI, and TSIGI bit. The FSYNC and
MSYNC signals remain at the full 1x RSBCKI/TSBCKI clock rate.
0 = RSB/TSB signals at RSBCKI/TSBCKI
1 = Two SBCKI clock cycles per SBI bit (except FSYNC and MSYNC).
SBI_OE
Enable System Bus Outputs—Places RPCMO, RSIGO, RINDO, and SIGFRZ output buffers
under the control of the RSB timebase. SBI_OE also places the TINDO output buffer under
the control of TSB timebase. Inactive (low) forces SBI output buffers to a high-impedance
state. Power-on and RESET [addr 001] force SBI_OE to an inactive state to avoid bus
contention on devices that share system bus connections.
0 = SBI outputs forced to high-impedance state
1 = SBI outputs controlled by respective RSB or TSB timebase
EMF
Embedded Framing—During T1 mode, EMF controls placement of T1 framing bits on
RPCMO and the sampling of T1 framing bits from TPCMI. EMF supports system buses that
carry T1 frames but operate above T1 line rate. EMF allows the system bus to transport and
maintain 193-bit frame integrity while T1 data is passed through RSLIP and/or TSLIP buffers.
0 = G.802 embedded format
1 = Reserved
7
6
5
4
3
2
1
0
X2CLK
SBI_OE
EMF
EMBED
SBI[3]
SBI[2]
SBI[1]
SBI[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com