Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 232 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 232 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 228Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 229Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 230Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 231Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 232Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 233Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 234Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 235Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 236Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 323 page
background image
Bt8370/8375/8376
3.17 System Bus Registers
Fully Integrated T1/E1 Framer and Line Interface
3-114
Conexant
N8370DSE
0D1—Receive System Bus Configuration (RSB_CR)
BUS_RSB
Enable Bussed RSB Outputs—Applicable only if the system bus outputs are controlled by SBI
timebases [SBI_OE = 1; addr 0D0]. When BUS_RSB is active, RPCMO, RSIGO, and RINDO
outputs from multiple devices are allowed to share common receive system bus connections.
Unused time slots are three-stated during those bus groups not selected by SBI mode [addr
0D0]; otherwise, unused time slots repeat their output data value for all bus groups.
0 = RSB time slot value repeated for all bus groups
1 = three-state RSB outputs during unused bus groups
SIG_OFF
Inhibit RPCMO Signaling Reinsertion—Disables insertion of ABCD signaling for all time
slots on the receive system bus PCM output (RPCMO); otherwise, ABCD signaling is
reinserted on RPCMO, as controlled by System Bus Per-Channel [SBCn; addr 0E0–0FF] and
RX Per-Channel [RPCn; addr 180–19F] controls.
0 = enable insertion of signaling onto RPCMO
1 = inhibit RPCMO signaling
RPCM_NEG
Output Data on Falling Edge Clock—Selects RSBCKI rising or falling edge clock signal to
output RPCMO, RSIGO, RINDO, and SIGFRZ.
0 = RSB rising edge outputs
1 = RSB falling edge outputs
RSYN_NEG
Output Sync on Falling Edge Clock—Selects RSBCKI rising or falling edge clock signal for
RFSYNC or RMSYNC outputs. Opposite RSBCKI edge is used if RFSYNC or RMSYNC is
programmed as input.
0 = RFSYNC or RMSYNC rising edge output (falling edge input)
1 = RFSYNC or RMSYNC falling edge output (rising edge input)
When RFSYNC or RMSYNC is an input and configured for rising edge sampling,
RFSYNC or RMSYNC must be sampled low during the previous falling clock edge, then
sampled high at the rising clock edge. (Refer to Figure 5-5, SBI Timing: Setup and Hold Time
for RFSYNC/RMSYNC and TFSYNC/TMSYNC Input Signals and Table 5-6, Input Data Setup
and Hold Timing.)
BUS_FRZ
Enable Bused SIGFRZ Output—Enables SIGFRZ from multiple devices to share a common
receive system bus connection. When active, SIGFRZ three-states during bus group time slots
unused by the selected SBI mode [addr 0D0].
0 = SIGFRZ repeats for all bus groups
1 = three-state SIGFRZ during unused bus groups
RSB_CTR
Force RSLIP to Center—Writing a one to RSB_CTR forces RSLIP read buffer pointer to its
initial delay condition. If RFSYNC or RMSYNC is programmed as an output, RSB_CTR
forces a change of system bus sync alignment. The processor must assert RSB_CTR after
configuration of the receive slip buffer. Centering RSLIP does not effect RSLIP status reported
in ISR.5 [addr 006]. RSB_CTR must be written to a 1, then to a 0. This bit is not self-clearing.
0 = no effect
1 = force RSLIP to center
7
6
5
4
3
2
1
0
BUS_RSB
SIG_OFF
RPCM_NEG
RSYN_NEG
BUS_FRZ
RSB_CTR
RSBI[1]
RSBI[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com