Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 228 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 228 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 224Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 225Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 226Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 227Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 228Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 229Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 230Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 231Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 232Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 323 page
background image
Bt8370/8375/8376
3.16 Data Link Registers
Fully Integrated T1/E1 Framer and Line Interface
3-110
Conexant
N8370DSE
0BA—DLINK Test Configuration (DL_TEST1)
Data link test registers [addr 0BA-0BE] are for CONEXANT production test. Set to 0 for normal operation.
DL_TEST1[3]
Clock Test—Zero for normal operation, where clocks are controlled by DL1_CTL and
DL2_CTL [addr 0A6, 0B1]. When active-high, clocks are enabled.
DL_TEST1[2]
Shadow Select—Report shadow pointers instead of normal read/write pointers.
DL_TEST1[1, 0]
FIFO Select: 00 = RDL1; 01 = RDL2; 10 = TDL1; 11 = TDL2
0BB—DLINK Test Status (DL_TEST2)
DL_TEST2[5:0]
Read or Shadow Read Pointer—Reports selected FIFO read pointer current address.
0BC—DLINK Test Status (DL_TEST3)
DL_TEST3[5:0]
Write or Shadow Write Pointer—Specifies selected FIFO write pointer address.
0BD—DLINK Test Control #1 or Configuration #2 (DL_TEST4)
DL_TEST4[6]
TFIFO1 Read Clear—Force transmit FIFO read pointer to empty.
DL_TEST4[5]
TFIFO1 Write Clear—Force transmit FIFO write pointer to empty.
DL_TEST4[4]
TFIFO1 Write—MPU data goes to specified write pointer address.
DL_TEST4[3]
RFIFO1 Read Clear—Force receive FIFO read pointer to empty state (flush).
DL_TEST4[2]
RFIFO1 Write Clear—Force receive FIFO write pointer to empty state (flush).
DL_TEST4[1]
RFIFO1 Write—MPU data goes to specified write pointer address.
DL_TEST4[0]
RFIFO1 Bypass—Pipe receive data.
7
6
5
4
3
2
1
0
————
DL_TEST1[3]
DL_TEST1[2]
DL_TEST1[1]
DL_TEST1[0]
7
6
5
4
3
2
1
0
——
DL_TEST2[5]
DL_TEST2[4]
DL_TEST2[3]
DL_TEST2[2]
DL_TEST2[1]
DL_TEST2[0]
7
6
5
4
3
2
1
0
——
DL_TEST3[5]
DL_TEST3[4]
DL_TEST3[3]
DL_TEST3[2]
DL_TEST3[1]
DL_TEST3[0]
7
6
5
4
3
2
1
0
—
DL_TEST4[6]
DL_TEST4[5]
DL_TEST4[4]
DL_TEST4[3]
DL_TEST4[2]
DL_TEST4[1]
DL_TEST4[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com