Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 224 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 224 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 220Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 221Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 222Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 223Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 224Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 225Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 226Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 227Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 228Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 323 page
background image
Bt8370/8375/8376
3.16 Data Link Registers
Fully Integrated T1/E1 Framer and Line Interface
3-106
Conexant
N8370DSE
0B3—Receive Data Link FIFO #2 (RDL2)
NOTE:
Not available in Bt8376 device.
Two different read byte values are supplied: WORD0 equals message status, and WORD1
equals message data. The processor determines which byte value is located in the FIFO by first
reading the receiver data link status [RDL2_STAT; addr 0B4]. In some cases, multiple
consecutive status bytes can be placed in the FIFO, so the processor must always read
RDL2_STAT before reading RDL2 to distinguish between WORD0 and WORD1 byte values.
However, each time a non-0 byte count [RDL2_CNT] status is read, the processor is
guaranteed that the next byte read from RDL2 is message data [WORD1], not message status.
Status byte and a message data byte each occupies 1 byte of FIFO space.
WORD0: Message Status
EOM[1, 0]
End of Message—The receive data link reports an End of Message status for each occurrence
of a complete (Good), a continued (Partial), an errored (FCS/Non-integer), or an aborted
(Abort) message. Properly received unformatted messages are reported with a Partial end of
message status. The processor responds to Good or Partial status by reading the indicated
number of data bytes [RDL2_CNT] from RDL2. For abort or error cases, RDL2_CNT equals
0 to indicate all received data from that message was discarded.
Note that A Good status with RDL2_CNT=0 is reported if the processor reads RDL2 while
the receiver is in progress of filling the FIFO (in which case RDL2_STAT contains RSTAT2=1
and RMSG2=1). If an abort or error status with 0 byte count is reported after the processor has
buffered a prior HDLC Partial message, that partial buffered processor data must be discarded.
Abort status is reported if the receiver detects a string of 7 or more consecutive 1s during an
HDLC message. FCS error status is reported if FCS mode is enabled and the checksum
calculated over the received HDLC message does not match the received 16-bit FCS.
Non-integer error status is reported if the receiver detects a closing FLAG character that yields
an HDLC message length which is not an integer number of 8-bit octets.
00 = Good
01 = FCS/Non-integer
10 = Abort
11 = Partial
RDL2_CNT[5:0]
Byte Count [5:0]—Indicates the number of Message Data [WORD1] bytes stored in
subsequent consecutive FIFO locations, constituting one received message. The reported byte
count is the actual number of bytes from 0 to 63, where 0 indicates 0 bytes for the processor to
read. The processor can read either the specified number of message data bytes consecutively
from RDL2, or poll RDL2_STAT after reading each data byte until RDL2_STAT reports an
end of message (i.e., RMPTY2=1 or RSTAT2=1).
WORD1: Message Data
RDL2[7:0]
Receive Message Data—Filled by the receiver data link, from LSB to MSB, with bits from the
selected channel. The processor reads 8-bit FIFO data during HDLC and Pack8 modes. During
Pack6 mode, only the 6 least significant bits RDL2[5:0] are filled.
7
6
5
4
3
2
1
0
EOM[1]
EOM[0]
RDL2_CNT[5]
RDL2_CNT[4]
RDL2_CNT[3]
RDL2_CNT[2]
RDL2_CNT[1]
RDL2_CNT[0]
7
6
5
4
3
2
1
0
RDL2[7]
RDL2[6]
RDL2[5]
RDL2[4]
RDL2[3]
RDL2[2]
RDL2[1]
RDL2[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com