Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 222 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 222 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 218Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 219Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 220Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 221Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 222Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 223Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 224Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 225Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 226Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 323 page
background image
Bt8370/8375/8376
3.16 Data Link Registers
Fully Integrated T1/E1 Framer and Line Interface
3-104
Conexant
N8370DSE
TDL2_EN
Transmit Data Link 2 Enable—When enabled, the transmitter begins to empty and format the
contents of the transmit data link FIFO for output during the selected time slot bits, according
to the selected DL2[1:0] mode. It also enables generation of transmitter data link interrupt
events.
0 = disabled
1 = enable transmit data link
RDL2_EN
Receive Data Link 2 Enable—When enabled, the receiver begins to format data from the
selected time slot bits and fill the receive data link FIFO according to the selected DL2[1:0]
mode. It also enables generation of receiver data link interrupt events.
0 = disabled
1 = enable receive data link
0B2—RDL #2 FIFO Fill Control (RDL2_FFC)
NOTE:
Not available in Bt8376 device.
MSG_FILL[1:0]
Unformatted Message Fill Limit—Applicable only for Pack8 and Pack6 modes, the message
fill limit selects how many receive FIFO locations [RDL2; addr 0B3] are filled before the
receive data link generates an RFULL interrupt [ISR1; addr 00A] and before the data link
generates a corresponding RDL2 Partial message status word entry. Fill limits determine how
many bytes constitute an unformatted message, and give the processor an alternative to using
RNEAR interrupts to signal the end of a received unformatted message.
The number of bits per unformatted message must divide evenly by the number of bits
monitored per multiframe. For example, SLC applications monitor Fs-bits during even frames,
for a total of 36 bits monitored out of 72 frames. Using Pack6 mode, that group of 36 Fs-bits
from each SLC multiframe can be chosen to constitute one unformatted message by selecting a
message fill limit which equals 6 bytes (of 6 bits/byte). In the SLC example, an RFULL
interrupt would be generated every 9 ms on each SLC multiframe boundary. Fill limits
provided for T1 cases are multiples of 6 bytes (i.e., 6, 12 or 18 FIFO locations) to hold one or
more multiframes of monitored data. In E1 mode, fill limits are multiples of 8 bytes to
correspond with the 16 frame multiframe lengths (i.e., monitoring CRC4 in MFAS framing
mode, or monitoring TS16 in CAS framing mode).
FFC[5:0]
Near Full FIFO Threshold—Selects FIFO depth of near full interrupt [RNEAR; addr 00A] and
near full level status [RNEAR2; addr 0B4]. The RNEAR interrupt and RNEAR2 indicator are
both activated when the number of empty FIFO locations equals the selected threshold. The
threshold controls how many data and/or status bytes (64 minus threshold value) the processor
7
6
5
4
3
2
1
0
MSG_FILL[1]
MSG_FILL[0]
FFC[5]
FFC[4]
FFC[3]
FFC[2]
FFC[1]
FFC[0]
T1/E1N
MSG_FILL[1:0]
Message Fill Limit
X
00
Disabled
001
8 bytes
0
10
16 bytes
0
11
24 bytes
101
6 bytes
1
10
12 bytes
1
11
18 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com