Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 223 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 223 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 219Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 220Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 221Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 222Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 223Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 224Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 225Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 226Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 227Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.16 Data Link Registers
N8370DSE
Conexant
3-105
must read from RDL2 after RNEAR interrupt to clear the RNEAR2 indicator, and how much
time remains (in bytes) for the processor to read RDL2 before receive FIFO is full. If a receive
message is in progress when the near full threshold is reached, the receiver issues a message
interrupt [RMSG; addr 00A] and places a Partial message in the receive FIFO.
FFC[5:0]
Empty @ RNEAR
Filled @ RNEAR
00 0000
none
64 = RFULL
00 0001
1 empty FIFO location
63 filled
00 0010
2 empty FIFO locations
62 filled
||
|
11 1110
62 empty FIFO locations
1 filled
11 1111
63 empty FIFO locations
0 filled = empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com