Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 220 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 220 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 216Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 217Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 218Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 219Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 220Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 221Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 222Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 223Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 224Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 323 page
background image
Bt8370/8375/8376
3.16 Data Link Registers
Fully Integrated T1/E1 Framer and Line Interface
3-102
Conexant
N8370DSE
0B0—DL2 Bit Enable (DL2_BIT)
NOTE:
Not available in Bt8376 device.
DL2_BIT[7:0]
DL2 Bit Select—Works in conjunction with DL2_TS [addr 0AF] to select 1 or more time slot
bits for data link input and output. Any combination of bits can be enabled by writing the
corresponding DL2_BIT active (high). Where the LSB enables first bit transmitted or received,
and MSB enables eighth bit transmitted or received, DL2_BIT has no effect when DL2_TS
selects T1 F-bits.
0 = disable data link bit
1 = enable data link bit
0B1—DL2 Control (DL2_CTL)
NOTE:
Not available in Bt8376 device.
TDL2_RPT
The Circular Buffer/FIFO control bit [TDL2_RPT; addr 0B1] allows the FIFO to act as a
circular buffer; in this mode, a message can be transmitted repeatedly. This feature is available
only for unformatted transmit data link applications. The processor can repeatedly send fixed
patterns on the selected channel by writing a 1- to 64-byte message into the circular buffer. The
programmed message length repeats until the processor writes a new message. The first byte of
each unformatted message is output automatically, aligned to the first frame of a 24-, or
16-frame transmit multiframe (SF/ESF/MFAS). This allows the processor to source overhead
or data elements aligned to the TX timebase. In both SF and ESF T1 modes, unformatted
messages are aligned on 24-frame boundaries. Therefore, in SF applications, the repeating
message must be designed to span two SF multiframes. Each unformatted message written is
output-aligned only after the preceding message completes transmission. Therefore, data
continuity is retained during the linkage of consecutive messages, provided that the content of
each message consists of a multiple of the multiframe length.
DL2[1: 0]
Data Link 2 mode—Selects either HDLC formatted (FCS or non-FCS) transmit and receive
data link message mode or unformatted (Pack8 or Pack6) message mode. During HDLC
modes, the transmit/receive circuits perform zero insertion/removal after each occurrence of
five consecutive 1s contained in the message bits, FLAG (0x7E) character insertion/removal
during idle channel conditions, and ABORT (0xFF) code insertion/detection, upon errored
channel conditions. Refer to ITU-T Recommendation Q.921 for complete details of the HDLC
link-layer protocol. FCS mode automatically generates, inserts, and checks the 16-bit FCS
without passing FCS bits through transmit and receive FIFOs. Non-FCS mode passes all
message bits that exist between the opening and closing FLAG characters through the FIFOs
without generating or checking FCS bits. Non-FCS mode allows the processor to generate and
check the entire contents of each HDLC frame.
7
6
5
4
3
2
1
0
DL2_BIT[7]
DL2_BIT[6]
DL2_BIT[5]
DL2_BIT[4]
DL2_BIT[3]
DL2_BIT[2]
DL2_BIT[1]
DL2_BIT[0]
7
6
5
4
3
2
1
0
———
TDL2_RPT
DL2[1]
DL2[0]
TDL2_EN
RDL2_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com