Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 217 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 217 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 213Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 214Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 215Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 216Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 217Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 218Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 219Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 220Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 221Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.16 Data Link Registers
N8370DSE
Conexant
3-99
PRM_CR
Transmit CR Message Bit—The processor writes the selected C/R bit value to send in each PRM.
PRM_R
Transmit R Message Bit—The processor writes the selected R bit value to send in each PRM.
PRM_U1
Transmit U1 Message Bit—The processor writes the selected U1 bit value to send in each PRM.
PRM_U2
Transmit U2 Message Bit—The processor writes the selected U2 bit value to send in each PRM.
PRM_SL
Transmit SL Message Bit—The processor writes the selected SL bit value to send in each PRM.
AUTO_SL
Automatic SL Bit Insertion—RFSLIP error status is encoded into the transmit PRM contents,
or the PRM_SL bit value supplied by the processor is sent.
0 = send PRM_SL value in SL bit
1 = send RFSLIP error status in SL bit
SEND_PRM
Immediately Generate and Send PRM—Similar to AUTO_PRM mode, SEND_PRM instructs
the data link transmitter to format and send a Performance Report Message according to ANSI
T1.403-1995. SEND_PRM executes immediately rather than waiting for an ONESEC
interrupt. Thus, SEND_PRM gives processor control over PRM transmit timing. This is easier
for the processor to manage if other FDL message types must also be transmitted.
0AB—TDL #1 FIFO Empty Control (TDL1_FEC)
FEC[5:0]
Near Empty Transmit FIFO Threshold—Selects FIFO depth of near empty interrupt [TNEAR;
addr 009] and near empty level status [TNEAR1; addr 0AE]. The TNEAR interrupt is
activated when the number of data bytes remaining to be transmitted from the FIFO falls below
the selected threshold. The TNEAR1 indicator is active as long as the number of
processor-filled FIFO locations is below the selected threshold. Thus, TNEAR1 is active-high
when the transmit FIFO is empty, and remains active until the processor writes the selected
threshold number of bytes to TDL1 [addr 0AD]. Assuming the processor writes 64 bytes to fill
an empty FIFO, a TNEAR interrupt occurs after the transmitter has sent the number of bytes
required to bring the FIFO level back down below the selected threshold. Hence, the processor
can consecutively write 64 - FEC[5:0] number of bytes to the transmit FIFO in response to a
TNEAR interrupt. The interrupt also signifies time remaining (in bytes) for the processor to
write TDL1 before transmit FIFO is emptied. Typically, FEC[5:0] is set to a small value
(below 10-byte threshold) to minimize the number of TNEAR interrupts and maximize the
time between TNEAR interrupts.
7
6
5
4
3
2
1
0
——
FEC[5]
FEC[4]
FEC[3]
FEC[2]
FEC[1]
FEC[0]
FEC[5:0]
Byte threshold @ TNEAR
Empty @ TNEAR
00 0000
disabled
disabled
00 0001
1 byte threshold
63 empty
00 0010
2 byte threshold
62 empty
||
|
11 1110
62 byte threshold
2 empty
11 1111
63 byte threshold
1 empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com