Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 214 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 214 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 210Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 211Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 212Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 213Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 214Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 215Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 216Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 217Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 218Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 323 page
background image
Bt8370/8375/8376
3.16 Data Link Registers
Fully Integrated T1/E1 Framer and Line Interface
3-96
Conexant
N8370DSE
FFC[5:0]
Near Full FIFO Threshold—Selects FIFO depth of near full interrupt [RNEAR; addr 009] and
near full level status [RNEAR1; addr 0A9]. The RNEAR interrupt and RNEAR1 indicator are
both activated when the number of empty FIFO locations equals the selected threshold. The
threshold controls how many data and/or status bytes (64 minus threshold value) that the
processor must read from RDL1 after the RNEAR interrupt so it can clear the RNEAR1
indicator. The threshold also determines how much time remains (in bytes) for the processor to
read RDL1 before the receive FIFO is full. If a receive message is in progress when the near
full threshold is reached, the receiver issues a message interrupt [RMSG; addr 009] and places
a Partial message in the receive FIFO.
0A8—Receive Data Link FIFO #1 (RDL1)
Two different read byte values are supplied: WORD0 equals message status, and WORD1 equals message data.
The processor determines which byte value is located in the FIFO by reading the receiver data link status
[RDL1_STAT; addr 0A9]. In some cases, multiple consecutive status bytes can be placed in the FIFO, so the
processor must always read RDL1_STAT before reading RDL1. This allows it to distinguish between WORD0
and WORD1 byte values. However, each time a non-0 byte count [RDL1_CNT] status is read, the processor is
guaranteed that the next byte read from RDL1 will be message data [WORD1], not message status. Status byte
and a message data byte each occupy 1 byte of FIFO space.
WORD0: Message Status
EOM[1, 0]
End of Message—Receive data link reports an End of Message status for each occurrence of a
complete (Good), a continued (Partial), an errored (FCS/Non-integer), or an aborted (Abort)
message.
Properly received unformatted messages are reported with a Partial end of message status.
The processor responds to Good or Partial status by reading the indicated number of data bytes
[RDL1_CNT] from RDL1. For abort or error cases, RDL1_CNT equals 0 to indicate all that
received data from that message was discarded.
A Good status with RDL1_CNT=0 is reported if the processor reads RDL1 while the
receiver is in progress of filling the FIFO (in which case RDL1_STAT contains RSTAT1=1 and
RMSG1=1). If an abort or error status with zero byte count is reported after the processor has
already buffered a prior HDLC partial message, that partial buffered processor data should be
discarded.
FFC[5:0]
Empty @ RNEAR
Filled @ RNEAR
00 0000
none
64 = RFULL
00 0001
1 empty FIFO location
63 filled
00 0010
2 empty FIFO locations
62 filled
||
|
11 1110
64 empty FIFO locations
1 filled
11 1111
63 empty FIFO locations
0 filled = empty
7
6
5
4
3
2
1
0
EOM[1]
EOM[0]
RDL1_CNT[5]
RDL1_CNT[4]
RDL1_CNT[3]
RDL1_CNT[2]
RDL1_CNT[1]
RDL1_CNT[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com