Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 210 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 210 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 206Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 207Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 208Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 209Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 210Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 211Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 212Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 213Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 214Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 323 page
background image
Bt8370/8375/8376
3.16 Data Link Registers
Fully Integrated T1/E1 Framer and Line Interface
3-92
Conexant
N8370DSE
0A5—DL1 Bit Enable (DL1_BIT)
DL1_BIT[7:0]
DL1 Bit Select—Works in conjunction with DL1_TS [addr 0A4] to select one or more time
slot bits for data link input and output. Any combination of bits can be enabled by writing the
corresponding DL1_BIT active (high). The LSB enables first bit transmitted or received, and
MSB enables eighth bit transmitted or received. DL1_BIT has no effect when DL1_TS selects
T1 F-bits.
0 = disable data link bit
1 = enable data link bit
0A6—DL1 Control (DL1_CTL)
TDL1_RPT
The Circular Buffer/FIFO control bit [TDL1_RPT; addr 0A6] allows the FIFO to act as a
circular buffer; in this mode, a message can be transmitted repeatedly. This feature is available
only for unformatted transmit data link applications. The processor can repeatedly send fixed
patterns on the selected channel by writing a 1- to 64-byte message into the circular buffer. The
programmed message length repeats until the processor writes a new message. The first byte of
each unformatted message is output automatically, aligned to the first frame of a 24-, or
16-frame transmit multiframe (SF/ESF/MFAS). This allows the processor to source overhead
or data elements aligned to the TX timebase. In both SF and ESF T1 modes, unformatted
messages are aligned on 24-frame boundaries. Therefore, in SF applications, the repeating
message must be designed to span two SF multiframes. Each unformatted message written is
output-aligned only after the preceding message completes transmission. Therefore, data
continuity is retained during the linkage of consecutive messages, provided that the contents of
each message consist of a multiple of the multiframe length.
DL1[1: 0]
Data Link 1 mode—Selects either HDLC-formatted Frame Check Sequence (FCS) or
Non-FCS transmit and receive data link message mode or unformatted (Pack8 or Pack6)
message mode. During HDLC modes, the transmit/receive circuits perform zero
insertion/removal after each occurrence of five consecutive 1s contained in the message bits,
FLAG (0x7E) character insertion/removal during idle channel conditions, and ABORT (0xFF)
code insertion/detection upon errored channel conditions. Refer to ITU-T Recommendation
Q.921 for complete details of the HDLC link-layer protocol. FCS mode automatically
generates, inserts, and checks the 16-bit FCS without passing FCS bits through transmit and
receive FIFOs. Non-FCS mode passes all message bits that exist between the opening and
closing FLAG characters through the FIFOs, without generating or checking FCS bits.
Non-FCS mode allows the processor to generate and check the entire contents of each HDLC
frame.
Unformatted data link modes provide transparent channel access, in which every data link
bit transmitted is supplied by the processor through TDL1, and each bit received is passed to
the processor through RDL1 [addr 0A8]. Pack8 and Pack6 unformatted mode options select
the number of bits per byte that are stored in transmit/receive FIFOs—8 or 6 bits, respectively.
7
6
5
4
3
2
1
0
DL1_BIT[7]
DL1_BIT[6]
DL1_BIT[5]
DL1_BIT[4]
DL1_BIT[3]
DL1_BIT[2]
DL1_BIT[1]
DL1_BIT[0]
7
6
5
4
3
2
1
0
———
TDL1_RPT
DL1[1]
DL1[0]
TDL1_EN
RDL1_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com