Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 209 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 209 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 205Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 206Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 207Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 208Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 209Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 210Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 211Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 212Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 213Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.16 Data Link Registers
N8370DSE
Conexant
3-91
3
3.16 Data Link Registers
Unused bits indicated by a dash (—) are reserved and should be written to 0. Writing to reserved bits has no
effect.
The Bt8370 and Bt8375 contain two independent Data Link Controllers (DL1, DL2) that are programmed to
send and receive HDLC formatted or unformatted serial data over any combination of bits within a selected time
slot. The serial data channels operate at a multiple of 4 kbps, up to the full 64 kbps time slot rate, by selecting a
combination of time slot bits from odd, even, or all frames. DL1 and DL2 each contain a 64-byte receive and
64-byte transmit buffer which function as programmable length circular buffers or as full-length data FIFOs.
The Bt8376 device contains only a single controller, DL1.
0A4—DL1 Time Slot Enable (DL1_TS)
DL1_TS[7]
Unchannelized—Test mode only, all time slots selected. Zero for normal operation.
DL1_TS[6, 5]
Frame Select—Transmit and receive data link 1 operates on data only during specified T1/E1
frames. Frame select options give the processor access to different types of data link channels
and overhead channels. Overhead bit insertion is performed after TDL1, so internal transmitter
overhead insertion must be bypassed [TFRM; addr 072] before processor-supplied overhead
can be output from TDL1.
00 = all frames
01 = even frames only
10 = odd frames only
11 = reserved
DL1_TS[4:0]
Time Slot Word Enable—Transmit and receive data link 1 operates on data only during the
specified time slot. During T1 mode, selecting time slot 0 enables data link operation on the
F-bit positions.
7
6
5
4
3
2
1
0
DL1_TS[7]
DL1_TS[6]
DL1_TS[5]
DL1_TS[4]
DL1_TS[3]
DL1_TS[2]
DL1_TS[1]
DL1_TS[0]
DL1_TS[4:0]
Time slot Enable
00000
F-bit (T1) or TS0 (E1)
00001
TS1
||
11110
TS30
11111
TS31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com