Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 208 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 208 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 204Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 205Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 206Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 207Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 208Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 209Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 210Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 211Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 212Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 323 page
background image
Bt8370/8375/8376
3.15 Bit-Oriented Protocol Registers
Fully Integrated T1/E1 Framer and Line Interface
3-90
Conexant
N8370DSE
0A2—Receive BOP Codeword (RBOP)
RBOP_LOST
Previous Message Overwritten—Activated when RBOP is updated and RBOP_VALID is
already set, indicating the previous codeword was never read by the processor.
0 = no error
1 = prior codeword lost
RBOP_VALID
RBOP Message Valid—Set each time RBOP[5:0] is updated with a codeword value. Reading
from RBOP clears RBOP_VALID.
0 = no message or message read
1 = new RBOP message received
RBOP[5]
Sixth bit received
RBOP[4]
Fifth bit received
RBOP[3]
Fourth bit received
RBOP[2]
Third bit received
RBOP[1]
Second bit received
RBOP[0]
Receive BOP codeword, first bit received
0A3—BOP Status (BOP_STAT)
Real-time status of the BOP transmitter and receiver are reported primarily for diagnostic purposes.
TBOP_ACTIVE
TBOP Active—Remains set for the entire length of a message as defined by TBOP_LEN[1:0]
[addr 0A0].
RBOP_ACTIVE
RBOP Active—If RBOP_LEN [addr 0A0] is programmed to 10 or 25, RBOP_ACTIVE is set
at the end of the first pattern and held active until the desired number of patterns is detected.
The RBOP interrupt is then generated. RBOP_ACTIVE does not toggle when RBOP_LEN is
programmed to 1.
7
6
5
4
3
2
1
0
RBOP_LOST
RBOP_VALID
RBOP[5]
RBOP[4]
RBOP[3]
RBOP[2]
RBOP[1]
RBOP[0]
7
6
5
4
3
2
1
0
TBOP_ACTIVE
RBOP_ACTIVE
——————



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com