Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 206 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 206 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 202Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 203Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 204Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 205Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 206Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 207Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 208Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 209Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 210Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 323 page
background image
Bt8370/8375/8376
3.15 Bit-Oriented Protocol Registers
Fully Integrated T1/E1 Framer and Line Interface
3-88
Conexant
N8370DSE
RBOP_INTEG
RBOP Integration—Requires receipt of two identical, consecutive 16-bit patterns (without
errors or gaps between patterns) to validate a single codeword. In this case, an errored
codeword does not increment the pattern count. RBOP integration must be enabled to meet
codeword detection criteria while receiving a 1E-3 bit error ratio. RBOP_INTEG adds at least
one to the number of successive 16-bit patterns needed to qualify receipt of BOP message (2 in
a row counts as 1 pattern; 11 in a row counts as 10; and 26 in a row counts as 25).
0 = no integration
1 = RBOP integrationRBOP_LEN[1:0]
RBOP Message Length—Selects the number of successive identical 16-bit patterns needed
to qualify receipt of a single BOP message and update RBOP [addr 0A2] with the received
codeword. During this time, the RBOP interrupt [ISR1; addr 00A] is also activated. Successive
patterns can be separated by any number of bits, as long as they do not contain a different valid
codeword.
TBOP_LEN[1:0]
TBOP Message Length—Selects the number of repeated 16-bit patterns sent as a single
message when a TBOP [addr 0A1] codeword is written. Another message with the same or
different codeword value can be written to TBOP as soon as prior message start is
acknowledged, via activation of a TBOP interrupt [ISR2; addr 009]. If no new message is
written, the FDL channel returns to TDL1 output control upon completion of message
transmission. The processor changes TBOP_LEN to end transmission of a continuously
repeating message.
RBOP_LEN
Successive Patterns
Notes
00
1
Single 16-bit pattern updates RBOP
01
10
Minimum command, response length
10
25
Preferred command, response length
11
Change
RBOP updates on receipt of each new
pattern
TBOP_LEN
Repeated
Patterns
Message
Length (ms)
Notes
00
1
4
Single message sends 16 FDL bits
01
10
40
Minimum command, response length
10
25
100
Preferred command
11
Continuous
Continuous
Required for ESF Yellow Alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com