Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 202 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 202 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 198Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 199Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 200Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 201Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 202Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 203Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 204Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 205Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 206Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 323 page
background image
Bt8370/8375/8376
3.14 Clock Rate Adapter Registers
Fully Integrated T1/E1 Framer and Line Interface
3-84
Conexant
N8370DSE
LFGAIN[3:0]
Loop Filter Gain—Determines CLAD jitter tolerance and jitter attenuation characteristics by
selecting the NCO loop filter's proportional phase error gain. Lower gain values improve jitter
tolerance by reducing phase response time, but provide less jitter attenuation. Higher gain
values increase the phase response time and improve jitter attenuation at the expense of loop
acquisition time.
NOTE:
Loop instability or acquisition failures may result from incorrectly programmed
LFGAIN values. Typically, LFGAIN is programmed to provide a minimum 3 Hz loop
bandwidth and 20 dB/decade jitter attenuation with 6 Hz filter cutoff frequency.
LFGAIN values of 5 or 6 are typically chosen to meet jitter requirements.
091—CLAD Frequency Select (CSEL)
VSEL[3:0]
CLADV Frequency Select—Applicable only if CEN [addr 90] is active. Picks one of eight
CLAD divider chain frequencies to feed back to the CPHASE detector. (Refer to Tables 2-8
through 2-9 for programming examples.) The selected CLADV frequency passes to VSCALE
for further division before phase detector comparison.
LFGAIN
Proportional Gain
0000
1/20
||
1111
1/215
7
6
5
4
3
2
1
0
VSEL[3]
VSEL[2]
VSEL[1]
VSEL[0]
OSEL[3]
OSEL[2]
OSEL[1]
OSEL[0]
VSEL
CLADV Frequency (kHz)
0000
1024
0001
2048
0010
4096
0011
8192
0100
2560
0101
1544
0110
1536
0111
T1/E1 line rate x 2XSEL (addr 090)
1xxx
16,384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com