Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 203 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 203 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 199Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 200Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 201Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 202Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 203Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 204Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 205Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 206Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 207Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.14 Clock Rate Adapter Registers
N8370DSE
Conexant
3-85
OSEL[3:0]
CLADO Frequency Select—Picks one of eight CLAD divider chain frequencies to output on
the CLADO pin. (Refer to Table 2-8, CLADO Frequencies Selection through 2-9 for
programming examples with various input timing references.)
092—CLAD Phase Detector Scale Factor (CPHASE)
RSCALE[2:0]
CLAD Reference Scale Factor—Divides CLADI signal by 2[RSCALE] to form CLADR input to
CPHASE detector. Applicable only if CEN [addr 090] is active. Allows the system to supply
CLADI frequency, up to a maximum of 128 times the desired CLADR reference frequency.
VSCALE[2:0]
CLAD Variable Scale Factor—Divides CLADV signal by 2[VSCALE] before use in the
CPHASE detector. Applicable only if CEN [addr 090] is active. Allows the system to select
CLADV frequency that is up to 128 times CLADR.
OSEL
CLADO Frequency (kHz)
0000
1024
0001
2048
0010
4096
0011
8192
0100
2560
0101
1544
0110
1536
0111
Multiplier = T1/E1 line rate x 2XSEL (addr 090)
1xxx
16,384
7
6
5
4
3
2
1
0
—
RSCALE[2]
RSCALE[1]
RSCALE[0]
—
VSCALE[2]
VSCALE[1]
VSCALE[0]
RSCALE
Scale Factor
CLADR Reference
000
1
CLADR = CLADI
001
2
CLADR = CLADI/2
010
4
CLADR = CLADI/4
011
8
CLADR = CLADI/8
100
16
CLADR = CLADI/16
101
32
CLADR = CLADI/32
110
64
CLADR = CLADI/64
111
128
CLADR = CLADI/128
VSCALE
Scale Factor
CPHASE Variable Input
000
1
CLADV selected by VSEL [addr 091]
001
2
CLADV/2
010
4
CLADV/4
011
8
CLADV/8
100
16
CLADV/16
101
32
CLADV/32
110
64
CLADV/64
111
128
CLADV/128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com