Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 207 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 207 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 203Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 204Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 205Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 206Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 207Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 208Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 209Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 210Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 211Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.15 Bit-Oriented Protocol Registers
N8370DSE
Conexant
3-89
TBOP_MODE[1:0]
Transmit BOP mode—Enables the BOP transmitter and establishes priority of TBOP [addr
0A1] output in relation to TDL1 [addr 0AD] output. When TBOP messages are given output
priority, any write to TBOP aborts TDL1 output within the next 8 FDL bit times and suspends
TDL1 data output until TBOP has completed transmission. The processor can check TMSG1
status [addr 0AE] before writing TBOP to determine if TDL1 output is idle. The TDL1 buffer
can be written while TBOP is granted priority.
When TDL1 messages are given output priority, TBOP output is suspended when the TDL1
buffer becomes non-empty. In case of multiple pending messages, PRM messages have highest
priority, then BOP, and then TDL1. Furthermore, TBOP is forced to wait until the TDL1 buffer
is empty and the TDL1 output is in the idle state before TBOP output is granted priority. If
TBOP_LEN is continuous, and TDL1/PRM message output is pending, then TBOP is
suspended at the next 16-bit pattern boundary. TDL1 priority is used to transmit PRM, DS1
Idle (ISID), or optional path maintenance (PID, TSID) messages, which are separated by ESF
Yellow Alarm codewords, as defined in Annex D of ANSI T1.403.
0A1—Transmit BOP Codeword (TBOP)
Writing a codeword into TBOP transmits a BOP message. The LSB is transmitted first.
TBOP[5]
Sixth bit transmitted
TBOP[4]
Fifth bit transmitted
TBOP[3]
Fourth bit transmitted
TBOP[2]
Third bit transmitted
TBOP[1]
Second bit transmitted
TBOP[0]
Transmit BOP codeword; first bit transmitted
TBOP_MODE
Mode Description
0X
Disabled: TBOP writes are ignored
10
TBOP output priority
11
TDL1 output priority
7
6
5
4
3
2
1
0
——
TBOP[5]
TBOP[4]
TBOP[3]
TBOP[2]
TBOP[1]
TBOP[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com