Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 211 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 211 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 207Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 208Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 209Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 210Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 211Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 212Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 213Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 214Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 215Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.16 Data Link Registers
N8370DSE
Conexant
3-93
In T1 modes, only Pack6 is applicable. In E1, unformatted mode cannot be used if
FAS_MFAS_CAS receive framing is configured. The only data processing performed during
unformatted mode is the alignment of transmitted data bits with respect to the receive and
transmit multiframe. Please see the valid modes for Pack8 and Pack6 in the table shown below.
00 = HDLC with FCS
01 = HDLC without FCS
10 = Unformatted Pack8
11 = Unformatted Pack6
The following initializations are required when Pack8 or Pack6 is selected:
If (Dlink mode == Pack8 or PACK6)
{
DL_TEST[1]
= 0x03
** The value DL_TEST[1] = 0x2 is for DLINK#1,
and 0x3 is for DLINK#2.
TEST
= 0x02
DL_TEST[5]
= 0x60
** DL_TEST[4] is for DLINK #1
DL_TEST[5]
= 0x10
** DL_TEST[5] is for DLINK #2
TDL2
= 0x0
TDL2_EOM
= 0x0
TEST
= 0x0
}
PACK8 and PACK6 would be applicable for the following applications:
Configuration
1
2
3
CR0.T_E1N
E1
E1
T1
CR0.RFRAME
FAS
FAS_MFAS
FAS_CAS
FAS
FAS_MFAS
FAS_CAS
Any
DL1_1CTL.DL
PACK8
PACK8
PACK6
DL1_TS.FRAME
ODD,
EVEN
ALL FRAMES
ALL FRAMES
ODD,
EVEN,
EVERY_
OTHER_
Even
DL1_TS, DL_TS
Any
Any
Any
DL1_BIT, DL_BIT
Two bits or more
Any
Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com