Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 213 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 213 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 209Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 210Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 211Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 212Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 213Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 214Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 215Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 216Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 217Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.16 Data Link Registers
N8370DSE
Conexant
3-95
0A7—RDL #1 FIFO Fill Control (RDL1_FFC)
MSG_FILL[1:0]
Unformatted Message Fill Limit—Applicable only for Pack8 and Pack6 modes, the message
fill limit selects how many receive FIFO locations [RDL1; addr 0A8] are filled before the
receive data link generates an RFULL interrupt [ISR2; addr 009] and generates a
corresponding RDL1 Partial message status word entry. Fill limit determines how many bytes
constitute an unformatted message, and also gives the processor an alternative to using
RNEAR interrupts to signal the end of a received unformatted message.
The number of bits per unformatted message must divide evenly by the number of bits
monitored per multiframe. For example, SLC applications monitor Fs-bits during even frames
for a total of 36 bits monitored out of 72 frames. Using Pack6 mode, that group of 36 Fs-bits
from each SLC multiframe can be chosen to constitute one unformatted message by selecting a
message fill limit which equals 6 bytes (of 6 bits/byte). In the SLC example, an RFULL
interrupt would be generated every 9 ms on each SLC multiframe boundary. Fill limits
provided for T1 cases are multiples of 6 bytes (i.e., 6, 12 or 18 FIFO locations) to hold one or
more multiframes of monitored data. In E1 mode, fill limits are specified in multiples of 8
bytes to correspond with the 16-frame multiframe lengths (i.e., monitoring CRC4 in MFAS
framing mode, or monitoring TS16 in CAS framing mode).
7
6
5
4
3
2
1
0
MSG_FILL[1]
MSG_FILL[0]
FFC[5]
FFC[4]
FFC[3]
FFC[2]
FFC[1]
FFC[0]
T1/E1N
MSG_FILL[1:0]
Message Fill Limit
X
00
Disabled
001
8 bytes
0
10
16 bytes
0
11
24 bytes
101
6 bytes
1
10
12 bytes
1
11
18 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com