Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 198 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 198 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 194Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 195Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 196Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 197Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 198Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 199Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 200Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 201Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 202Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 323 page
background image
Bt8370/8375/8376
3.13 Transmit Sa-Byte Buffers
Fully Integrated T1/E1 Framer and Line Interface
3-80
Conexant
N8370DSE
3.13 Transmit Sa-Byte Buffers
Unused bits indicated by a dash (—) are reserved and should be written to 0. Writing to reserved bits has no
effect.
Five transmit Sa-Byte buffers (TSA4–TSA8) are used to insert Sa-bits in TS0. The entire group of 40 bits is
sampled every 16 frames, coincident with the TMF interrupt boundary [addr 008]. Bit 0 from each TSA register
is then inserted during frame 1: bit 1 is inserted during frame 3; bit 2 is inserted during frame 5; and so on. This
gives the processor a maximum of 2 ms after the TMF interrupt to write new Sa-Byte buffer values. Transmit
Sa-bits maintain a fixed relationship to the transmit CRC multiframe.
07B—Transmit Sa4 Byte Buffer (TSA4)
TSA4[7]
Sa4 bit transmitted in frame 15
TSA4[6]
Sa4 bit transmitted in frame 13
TSA4[5]
Sa4 bit transmitted in frame 11
TSA4[4]
Sa4 bit transmitted in frame 9
TSA4[3]
Sa4 bit transmitted in frame 7
TSA4[2]
Sa4 bit transmitted in frame 5
TSA4[1]
Sa4 bit transmitted in frame 3
TSA4[0]
Sa4 bit transmitted in frame 1
07C—Transmit Sa5 Byte Buffer (TSA5)
TSA5[7]
Sa5 bit transmitted in frame 15
TSA5[6]
Sa5 bit transmitted in frame 13
TSA5[5]
Sa5 bit transmitted in frame 11
TSA5[4]
Sa5 bit transmitted in frame 9
TSA5[3]
Sa5 bit transmitted in frame 7
TSA5[2]
Sa5 bit transmitted in frame 5
TSA5[1]
Sa5 bit transmitted in frame 3
TSA5[0]
Sa5 bit transmitted in frame 1
7
6
5
4
3
2
1
0
TSA4[7]
TSA4[6]
TSA4[5]
TSA4[4]
TSA4[3]
TSA4[2]
TSA4[1]
TSA4[0]
7
6
5
4
3
2
1
0
TSA5[7]
TSA5[6]
TSA5[5]
TSA5[4]
TSA5[3]
TSA5[2]
TSA5[1]
TSA5[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com