Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 195 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 195 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 191Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 192Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 193Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 194Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 195Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 196Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 197Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 198Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 199Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.12 Transmitter Registers
N8370DSE
Conexant
3-77
AUTO_AIS /TAIS
Automatic Manual Transmit Alarm Indication Signal—When activated manually (TAIS) or
automatically (AUTO_AIS), the alarm formatter replaces all data output on TPOSO/TNEGO
and XTIP/XRING with an unframed all-1s signal (AIS). This includes replacing data supplied
from TPOSI/TNEGI and from the receiver during line loopback [LLOOP; addr 014].
Automatic mode sends AIS for the duration of receive loss of signal [RLOS; addr 047] or
receive loss of clock [RLOC; addr 047], depending on the analog or digital line interface
option [RDIGI; addr 020]. If AISCLK [addr 068] is enabled, TAIS also provides manual
switch control over ACKI clock input. AUTO_AIS does not affect ACKI switching.
AIS transmission [TAIS, AUTO_AIS; addr 075, or AISCLK; addr 068] does not affect
transmit data that is looped back to the receiver during framer loopback [FLOOP; addr 014].
This allows both FLOOP and LLOOP to be active simultaneously during loss of signal,
without disrupting data in the framer loopback path.
076—Transmit Test Pattern Configuration (TPATT)
TPSTART
Enable Test Pattern Transmission.
FRAMED
PRBS Framed—When set, the PRBS pattern does not overwrite framing bit positions and is
stopped during these bit periods. In T1 mode, the frame bit (every 193rd bit) is not overwritten.
In E1 mode, the PRBS test pattern is not written to time slot 0 (FAS and NFAS words) and
time slot 16 (CAS signalling word) if CAS framing is also selected. CAS framing is selected
by setting TFRAME[3] to 1 in the Transmit Configuration register [TCR0; addr 070]. If
FRAMED is disabled, the test pattern is transmitted in all time slots.
ZLIMIT
Enable 0 Limit; 7/14 depending on pattern.
TAIS
AUTO_AIS
AISC
LK
Transmit Data
Transmit Clock
(TCKO)
00
0
Normal, No AIS
TCKI
0
0
1
AIS during TLOC
ACKI while TLOC
0
1
0
AIS During RLOS/RLOC
TCKI
0
1
1
AIS During TLOC or RLOS
ACKI while TLOC
1X
0
Manual AIS
TCKI
1
X
1
Manual AIS and ACKI
ACKI
NOTE:
Systems that transmit framed all ones can utilize inband loopback code generator
[TLB; addr 077] to send all ones in payload only.
7
6
5
4
3
2
1
0
———
TPSTART
FRAMED
ZLIMIT
TPATT[1]
TPATT[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com