Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 192 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 192 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 188Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 189Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 190Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 191Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 192Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 193Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 194Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 195Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 196Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 323 page
background image
Bt8370/8375/8376
3.12 Transmitter Registers
Fully Integrated T1/E1 Framer and Line Interface
3-74
Conexant
N8370DSE
073—Transmit Error Insert (TERROR)
Transmit error insertion capabilities are provided for system diagnostic, production test, and test equipment
applications. Writing a 1 to any TERROR bit injects a single occurrence of the respective error on
TPOSO/TNEGO and XTIP/XRING outputs. Writing a 0 has no effect. Multiple transmit errors can be
generated simultaneously. Injected errors also affect data sent during either a Framer or Analog Loopback
[FLOOP or ALOOP; addr 014].
TSERR
Inject CAS Multiframe (MAS) Error—Injects a single MAS pattern error. TSERR performs a
logical inversion of the first MAS bit transmitted.
0 = no effect
1 = inject MAS error
TMERR
Inject Multiframe Error—Injects a single Fs (T1) or MFAS bit (E1) error. TMERR performs a
logical inversion of the next multiframe bit transmitted. The processor can pace writing to
TMERR to control which MFAS bit is errored.
0 = no effect
1 = inject multiframe error
TBERR
Inject PRBS Test Pattern Error—Injects a single PRBS error by logically inverting the next
PRBS generator output bit. The processor can pace writing to TBERR to create the desired bit
error ratio (up to 5E-3 if TBERR asserted 1/192 bits at every frame interrupt).
0 = no effect
1 = inject PRBS error
BSLIP/TCOFA
Inject Transmit COFA—Forces a 1-bit shift in the location of transmit frame alignment by
deleting (or inserting) one bit position from the transmit frame. During E1 modes, BSLIP
determines in which direction the bit slip will occur. In T1 modes, only one bit deletion is
provided. Note that TCOFA alters the extraction rate of data from the transmit slip buffer; thus,
repeated TCOFAs eventually cause a controlled frame slip where one frame of data is repeated
(T1/BSLIP = 0) or where one frame of data is deleted (BSLIP = 1).
TCERR
Inject CRC Error—Injects a single CRC6 (T1) or CRC4 (E1) bit error. TCERR logically invert
the next CRC bit transmitted. The processor can pace writing to TCERR to control which CRC
bit is errored.
0 = no effect
1 = inject CRC error
TFERR
Inject Frame Bit Error—Injects a single Ft, FPS, or FAS bit error, depending on the selected
transmit framer mode. TFERR logically invert the next frame bit transmitted. The processor
can pace writing to TFERR, to control which frame bit is errored.
0 = no effect
1 = inject frame error
7
6
5
4
3
2
1
0
TSERR
TMERR
TBERR
BSLIP
TCOFA
TCERR
TFERR
TVERR
TCOFA
T1/E1N
BSLIP
Transmit COFA
0
X
X
No effect
1
0
0
Inhibit output of TS0 bit 1 for one frame
1
0
1
Insert 1 prior to FAS pattern for one frame
1
1
X
Inhibit output of F-bit for one frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com