Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 190 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 190 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 186Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 187Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 188Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 189Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 190Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 191Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 192Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 193Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 194Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 323 page
background image
Bt8370/8375/8376
3.12 Transmitter Registers
Fully Integrated T1/E1 Framer and Line Interface
3-72
Conexant
N8370DSE
TLOFC–TLOFA
Transmit Loss of Frame Criteria—Determines the number of frame errors that the online
framer must detect before declaring a loss of frame alignment [TLOF; addr 048]. Refer to
TFRAME [addr 070] to find which frame bits are monitored during the selected framer mode.
TZCS[1:0]
Transmit Zero Code Suppression—Selects ZCS and Pulse Density Violation (PDV)
enforcement options for XTIP/XRING and TPOSO/TNEGO outputs. B8ZS and HDB3
replace transmitted sequences of eight or four 0s with a recoverable code. These are standard
T1 and E1 line code options, respectively (see Table 3-20).
T1/E1N
TLOFC–A
Reframe Criteria
0
100
3 consecutive FAS errors
1
001
2 out of 4 frame bit errors
1
010
2 out of 5 frame bit errors
1
100
2 out of 6 frame bit errors
NOTE(S):
All other TLOFC–A combinations are invalid.
Table 3-20. Transmit Zero Code Suppression
TZCS
T1/E1N
T1DM
ZCS
PDV
Zero Code Substitution
(Sent left to right)
00
X
X
AMI
None
None
01
0
X
HDB3
None
000V or B00V
01
1
X
B8ZS
None
000VB0VB
10
1
X
UMC
None
10011000
11
1
X
AMI
Enforced
on PDV errors
AMI
Alternate Mark Inversion. Bipolar line code forces successive 1s to alternate their output pulse polarity. Analog and
digital dual-rail outputs are always AMI encoded, although certain AMI codes are modified to include 0 suppression.
HDB3
Prior to transmission, four consecutive 0s are substituted by 000V or B00V code, where B is an AMI pulse, and V is a
bipolar violation. ZCS encoder selects the code that forces the BPV output polarity opposite that of the prior BPV.
B8ZS
Prior to transmission, eight consecutive 0s are substituted by 000VB0VB code, where B is an AMI encoded pulse, and
V is a bipolar violation.
PDV
Enforcer overwrites transmit 0s that would otherwise cause output data to fail to meet the minimum required pulse
density per ANSI T1.403 sliding window.
NOTE(S):
The enforcer never overwrites a framing bit and is not applicable during E1 mode.
NOTE(S):
Each PDV-enforced 1 causes a nonrecoverable, transmitted bit error.
UMC
Unassigned Mux Code. DS0 channels containing eight 0s are substituted with the 10011000 code, per Bellcore
TA-TSY-000278.
NOTE(S):
The receiver's ZCS decoder cannot recover original data content from UMC encoded signal.
NOTE(S):
PRBS, inband loopback, and YB2 alarm insertion occurs after PDV enforcement; therefore, output data might violate
minimum pulse density requirements while these functions are active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com