Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 187 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 187 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 183Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 184Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 185Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 186Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 187Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 188Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 189Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 190Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 191Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.12 Transmitter Registers
N8370DSE
Conexant
3-69
Table 3-17. Criteria for E1 Loss/Recovery of Transmit Frame Alignment
Mode
Description
FAS
Basic Frame Alignment (BFA) is recovered when the following search criteria are satisfied:
•
FAS pattern (0011011) is found in frame N.
•
Frame N+1 contains bit 2 equal to 1.
•
Frame N+2 also contains FAS pattern (0011011).
During FAS only modes, BFA is recovered when the following search criteria is satisfied:
•
FAS pattern (0011011) is found in frame N.
•
No mimics of the FAS pattern present in frame N+1.
•
FAS pattern (0011011) is found in frame N+2.
NOTE(S):
If FAS pattern is not found in frame N+2 or FAS mimic is found in frame N+1, the search restarts in
frame N+2.
Transmit Loss of Frame (TLOF) alignment is declared when:
Three consecutive FAS pattern errors are detected, when the FAS pattern consists of a 7-bit (x0011011)
pattern in FAS frames, as well as bit 2 equaling 1 in NFAS frames.
MFAS
MFAS—CRC Multiframe Alignment is recovered when the following search criteria are satisfied:
•
BFA is recovered, identifying FAS and NFAS frames.
•
Within 6 ms after BFA, bit 1 of NFAS frames contains the first MFAS pattern (001011xx).
•
Within 8 ms after BFA, bit 1 of NFAS frames contains the second MFAS pattern (001011xx), aligned
to first MFAS.
MFAS errors do not cause Transmit Loss of Frame (TLOF) alignment.
CAS
CAS Multiframe Alignment is recovered when the following search criteria are satisfied:
•
BFA is recovered, identifying TS0 through TS31.
•
MAS (0000xxxx) Multiframe Alignment Signal pattern is found in the first 4 bits of TS16, and 8 bits
of TS16 in preceding frame contains nonzero value.
CAS errors do not cause Transmit Loss of Frame (TLOF) alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com