Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 184 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 184 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 180Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 181Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 182Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 183Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 184Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 185Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 186Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 187Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 188Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 323 page
background image
Bt8370/8375/8376
3.11 Transmit LIU Registers
Fully Integrated T1/E1 Framer and Line Interface
3-66
Conexant
N8370DSE
PULSE[2:0]
Select Transmit Pulse Template—Each positive or negative pulse output on XTIP/XRING is
shaped to meet the transmit pulse template according to the selected cable length and type.
(Refer to Figure 2-34, TLIU Waveform and Figure 2-41, 0 dB LBO Isolated Pulse Template for
T1/E1 isolated pulse templates.) Each time the processor writes to TLIU_CR [addr 068], the
default shape values are transferred from internal ROM into SHAPE registers [addr 060–067].
Custom shape programming for alternative cable types or pulse templates will be discussed in
a separate Bt8370/8375/8376 application note.
AISCLK
Enable Automatic ACKI Switching—When AISCLK is active and the clock monitor reports a
loss of transmit clock [TLOC; addr 048], the transmitter clock is automatically switched to
reference ACKI instead of TCKI, and the transmitter is forced to send AIS (all ones) data. If
both AISCLK and TAIS [addr 075] are active, AIS is transmitted using ACKI clock regardless
of the clock monitor status. Set AISCLK only if the system supplies an alternate line rate clock
on the ACKI pin.
PULSE
Cable Length
Cable Type
Application
000
0–133 Ft
100
Ω Twisted Pair
T1 DSX
001
133–266 Ft
100
Ω Twisted Pair
T1 DSX
010
266–399 Ft
100
Ω Twisted Pair
T1 DSX
011
399–533 Ft
100
Ω Twisted Pair
T1 DSX
100
533–655 Ft
100
Ω Twisted Pair
T1 DSX
101
ITU–T G.703
75
Ω Coaxial Cable
E1
110
ITU–T G.703
120
Ω Twisted Pair
E1
111
Long Haul FCC Part 68
100
Ω Twisted Pair
T1 CSU/NCTE
Inputs
Status
Transmit
TAIS
AUTO_AIS
AISCLK
RLOS/RLOC
TLOC
CLOCK
DATA
00
X
X
0
TCKI
Normal
00
1
X
0
TCKI
Normal
00
1
X
1
ACKI
AIS
01
X
0
0
TCKI
Normal
01
0
0
1
TCKI
Normal
01
1
X
1
ACKI
AIS
01
0
1
X
TCKI
AIS
1X
1
X
X
ACKI
AIS
1X
0
X
X
TCKI
AIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com