Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 182 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 182 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 178Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 179Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 180Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 181Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 182Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 183Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 184Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 185Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 186Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 323 page
background image
Bt8370/8375/8376
3.11 Transmit LIU Registers
Fully Integrated T1/E1 Framer and Line Interface
3-64
Conexant
N8370DSE
3.11 Transmit LIU Registers
Unused bits indicated by a dash (—) are reserved and should be written to 0. Writing to reserved bits has no
effect.
060–067—Transmit Pulse Shape Configuration (SHAPE)
SHAPE[5:0]
Initialized to default values when the processor writes to addr 068. Refer to pulse shape
description in Transmit LIU section (Figure 2-39, Digitized AMI Pulse Shape).
068—Transmit LIU Configuration (TLIU_CR)
After writing to TLIU_CR, the processor should wait for eight MCLK-cycles before reading back TLIU_CR.
This is because any write into TLIU_CR triggers an internal transfer of ROM data to update the SHAPE
registers. While this internal transfer is in progress, any read or write of TLIU_CR may be blocked internally or
it will return an incorrect read value.
TURNS
Transmit Transformer Turns Ratio—Transmit DAC automatically scales the XTIP/XRING
outputs for the selected transformer turns ratio. The transmit DAC is current-limited and
cannot source sufficient current to drive full-height output pulses when an external transmit
termination resistor and 1:1.15 transformer is selected.
0 = 1:1.36 transformer
1 = 1:1.15 transformer (reduced amplitude if TERM also enabled)
TERM
Transmit Termination Resistor—Transmit DAC automatically scales the XTIP/XRING output
amplitude to compensate for the presence of an optional external termination resistor. The
external resistor (51.1
Ω) is placed in parallel across XTIP/XRING on systems that must meet
–18 dB transmitter return loss requirements. Better return loss is also possible by more closely
matching transmitter and cable impedances, at the expense of higher power dissipation and
lower output signal amplitude. (Refer to Figure 2-45, External Termination Resistor
Placement for resistor placement. Refer to Table 3-14, Return Loss Values for return loss
values.)
0 = internal transmit impedance (14.0 k
Ω)
1 = external transmit termination
7
6
5
4
3
2
1
0
——
SHAPE[5]
SHAPE[4]
SHAPE[3]
SHAPE[2]
SHAPE[1]
SHAPE[0]
7
6
5
4
3
2
1
0
TURNS
TERM
LBO[1]
LBO[0]
PULSE[2]
PULSE[1]
PULSE[0]
AISCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com