Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 179 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 179 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 175Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 176Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 177Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 178Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 179Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 180Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 181Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 182Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 183Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.10 Receive Sa-Byte Buffers
N8370DSE
Conexant
3-61
3.10 Receive Sa-Byte Buffers
Unused bits indicated by a dash (—) are reserved and should be written to 0. Writing to reserved bits has no
effect.
Five receive Sa-Byte buffers [RSA4–RSA8] are double-buffered. All five registers are updated with the
Sa-bits received in TS0 of odd frames at each receive multiframe interrupt [RMF; addr 008]. Bit 0 of all RSA
registers contains data from frame 1, bit 1 contains data from frame 3, bit 2 contains data from frame 5, and so
on. This gives the processor a full 2 ms after RMF-interrupt to read any Sa-Byte buffer before the contents
change. The processor ignores RSA buffer contents during T1 mode, and when the receiver reports a loss of
FAS alignment [FRED=1; addr 049] in E1 mode.
05B—Receive Sa4 Byte Buffer (RSA4)
RSA4[7]
Sa4 bit received in frame 15
RSA4[6]
Sa4 bit received in frame 13
RSA4[5]
Sa4 bit received in frame 11
RSA4[4]
Sa4 bit received in frame 9
RSA4[3]
Sa4 bit received in frame 7
RSA4[2]
Sa4 bit received in frame 5
RSA4[1]
Sa4 bit received in frame 3
RSA4[0]
Sa4 bit received in frame 1
05C—Receive Sa5 Byte Buffer (RSA5)
RSA5[7]
Sa5 bit received in frame 15
RSA5[6]
Sa5 bit received in frame 13
RSA5[5]
Sa5 bit received in frame 11
RSA5[4]
Sa5 bit received in frame 9
RSA5[3]
Sa5 bit received in frame 7
RSA5[2]
Sa5 bit received in frame 5
RSA5[1]
Sa5 bit received in frame 3
RSA5[0]
Sa5 bit received in frame 1
7
6
5
4
3
2
1
0
RSA4[7]
RSA4[6]
RSA4[5]
RSA4[4]
RSA4[3]
RSA4[2]
RSA4[1]
RSA4[0]
7
6
5
4
3
2
1
0
RSA5[7]
RSA5[6]
RSA5[5]
RSA5[4]
RSA5[3]
RSA5[2]
RSA5[1]
RSA5[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com