Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 175 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 175 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 171Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 172Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 173Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 174Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 175Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 176Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 177Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 178Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 179Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.8 Receiver Registers
N8370DSE
Conexant
3-57
049—Alarm 3 Status (ALM3)
Reports real-time status of the receive framer (not affected by ONESEC latch mode), and miscellaneous latched
error status (SEF and RMAIS). Any change of the logical OR of FRED, MRED, or SRED status activates the
RLOF interrupt [ISR7; addr 004]. Refer to Table 3-2, Receive Framer Modes [RFRAME; addr 001] to find the
criteria for loss/recovery of frame alignment.
RMAIS
Receive TS16 Alarm Indication Signal (CAS mode only)—RMAIS is latched active high and
cleared by a processor read. The criteria for detection and clearance of RMAIS is per ITU
G.775.
SEF
Severely Errored Frame—SEF is latched active high and cleared by a processor read. Criteria
for detection and clearance of SEF is per ANSI T1.231.
SRED
Loss of CAS Alignment—Real-time status of CAS alignment machine. SRED is applicable if
CAS is enabled; otherwise SRED is 0.
0 = recovery of CAS alignment
1 = loss of CAS alignment
MRED
Loss of MFAS Alignment—Real-time status of MFAS alignment machine. MRED is
applicable if MFAS is enabled; otherwise MRED is 0.
0 = recovery of MFAS alignment
1 = loss of MFAS alignment
FRED
Loss of T1/FAS Alignment—Real-time status of basic frame alignment machine. The FRED
alarm counter [AERR; addr 05A] increments for each low-to-high FRED transition.
0 = recovery of frame alignment
1 = loss of frame alignment.
LOF[1:0]
Reason for Loss of Frame Alignment—LOF status is latched whenever FRED reports a loss of
frame alignment and remains held at the latched value until the next loss of frame alignment.
7
6
5
4
3
2
1
0
—
RMAIS
SEF
SRED
MRED
FRED
LOF[1]
LOF[0]
Mode
RMAIS Criteria
CAS
Set if TS16 contains three or fewer zeros out of 128 bits in each
mutiframe over two consecutive multiframes (4 ms).
Other
Not applicable (read 0).
Mode
SEF Criteria
E1
Set if two or more (FAS or NFAS) errors are detected out of six
frames. (FAS + NFAS, or 2 FAS, or 2 NFAS errors, etc.).
FT/SF/SLC
Set if two or more Ft errors are detected out of 3 Ft bits.
ESF
Set if two or more FPS errors detected out of 6 FPS bits.
LOF[1:0]
LOF Criteria
00
Three consecutive FAS pattern errors
01
Three consecutive NFAS pattern errors
10
915 or more CRC4 errors out of 1000 blocks checked
11
8 ms timeout while searching for MFAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com