Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 174 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 174 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 170Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 171Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 172Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 173Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 174Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 175Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 176Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 177Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 178Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 323 page
background image
Bt8370/8375/8376
3.8 Receiver Registers
Fully Integrated T1/E1 Framer and Line Interface
3-56
Conexant
N8370DSE
RLOF
Receive Loss of Frame Alignment—Real-time or integrated RLOF status depends on selected
receive framer mode, out of frame criteria [RLOFA–RLOFD; addr 040], and integration mode
[RLOF_INTEG; addr 045]. Refer to Table A-1 through A-7 in Appendix A to find which
frame bits are monitored. Refer to Table 3-2, Receive Framer Modes for loss/recovery criteria.
During E1 mode, RLOF indicates the logically OR'ed status of FAS/MFAS/CAS alignment
machines from which individual alignment status is reported separately in
FRED/MRED/SRED [addr 049].
0 = no alarm
1 = receive loss of frame alignment
SIGFRZ
Signaling Freeze—Real-time SIGFRZ status indicates when input ABCD signaling bit
updates are no longer being written to the receive signaling buffer [RSIGn; addr IA0–IBF].
Consequently, ABCD signaling on RPCMO (if signaling insertion is enabled) and RSIGO
output pins are fixed to their existing buffered values. SIGFRZ remains active for 6 to 12 ms
longer after COFA or RLOF clears. SIGFRZ status is also affected by manual SIGFRZ on/off
controls [RSIG_CR; addr 0D7].
0 = no alarm (or FRZ_OFF)
1 = signaling freeze (or FRZ_ON)
048—Alarm 2 Status (ALM2)
Reports real-time status of transmit alarms and inband loopback codeword detectors. Any change in the current
status activates the corresponding interrupt status bit [ISR6; addr 005].
LOOPDN
Inband Loopback Deactivate—Reports detection or loss of an inband loopback code which
matches the programmed LOOPDN code [LBD; addr 044].
0 = no inband code (or lost)
1 = LOOPDN code detected
LOOPUP
Inband Loopback Activate—Reports detection or loss of an inband loopback code which
matches the programmed LOOPUP code [LBA; addr 043].
0 = no inband code (or lost)
1 = LOOPUP code detected
TSHORT
Transmit Short Circuit—Indicates transmit line driver output has reached its 50 mA current
limit, which is typically caused by either a short circuited transmit cable or transmission line
transient surge current.
0 = normal
1 = short circuit (50 mA current limited)
TLOC
Transmit Loss of Clock—Clock monitor circuit reports that transmit clock (TXCLK) is lost if
no signal transitions are detected for 8 clock cycles of ACKI. TXCLK is reported as present if
four or more signal transitions are detected during 8 clock cycles of ACKI. When used in
conjunction with AISCLK [addr 068], TLOC also identifies if ACKI is in use and AIS data
transmission is enforced. TLOC status is indeterminate if the ACKI input signal is not present.
0 = transmit clock present
1 = transmit clock lost
TLOF
Transmit Loss of Frame Alignment—Reports transmit framer status per selected mode
[TFRAME; addr 070] and loss criteria [TLOFA–TLOFC; addr 071].
0 = recovered
1 = lost
7
6
5
4
3
2
1
0
LOOPDN
LOOPUP
—
TSHORT
TLOC
—
TLOF
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com