Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 170 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 170 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 166Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 167Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 168Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 169Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 170Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 171Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 172Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 173Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 174Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 323 page
background image
Bt8370/8375/8376
3.8 Receiver Registers
Fully Integrated T1/E1 Framer and Line Interface
3-52
Conexant
N8370DSE
RLOF_INTEG
Enable RLOF Integration—When set, the receive loss of frame status [RLOF; addr 047] is
integrated for 2.0 to 2.5 seconds during T1 framer modes (not applicable to E1 modes). RLOF
interrupt status [ISR7; addr 004] is also integrated. However, receive framer status in ALM3
[addr 049], loss of frame count [FRED[3:0]; addr 05A] and RLOF counter overflow [ISR4;
addr 007] are unaffected. RLOF_INTEG does not meet the requirements of TR62411. To meet
the requirements of TR62411 “Conditions Causing The Initiation of Carrier Failure Alarms,”
the receive loss of frame condition reported by FRED (addr 049) must be integrated before
initiating Yellow Alarm Transmission. This can be accomplished in software by integrating
FRED during an RLOF Interrupt (ISR7; addr 004), with RLOF_INTEG bit cleared.
0 = normal RLOF status
1 = integrated RLOF [addr 047] status
RPCM_AIS
Send AIS on RPCMO Output Pin—Replaces RPCMO data with a continuous series of all 1s.
RPCM_AIS is useful in CSU or digital section applications, where the local interface must be
able to forward an AIS to the opposing interface.
0 = normal RPCMO data
1 = RPCMO replaced with all ones
046—Alarm/Error/Counter Latch Configuration (LATCH)
STOP_CNT
Stop Error Count during RLOF/RLOS/RAIS—When enabled, error count registers [addr
050–057] are suspended at their present values during one of the following conditions: receive
loss of frame (RLOF), loss of signal (RLOS), or all 1s (RAIS) alarm condition. STOP_CNT
does not affect the counting of test pattern errors [BERR; addr 058, 059] or alarm events
[AERR; addr 05A]. The occurrence of a red or AIS CGA inhibits further processing of all
other performance parameters (i.e., BER, errored seconds, SLIPS). However, a CGA caused
by a Yellow Alarm does not inhibit further alarm or performance monitoring.
0 = Continue error count during alarms
1 = Stop error count during alarms
LATCH_CNT
Enable ONESEC Latching of Counters—Determines the interval for which error counts
remain held in all count registers [addr 050–057]. LATCH_CNT must be active in T1 mode
whenever automatic 1-second performance report messaging [AUTO_PRM; addr 0AA] is
enabled. LATCH_CNT is active during E1 mode; the processor cannot use the RLOF counter
overflow [addr 007] as a 128 ms MFAS timeout.
When the LATCH_CNT is inactive, the processor read of the LSB register reports the
current LSB error count, it latches the current MSB error count to the MSB register, and then it
clears LSB. Subsequently, reading the MSB register reports current latched MSB error count
and then clears MSB.
7
6
5
4
3
2
1
0
————
STOP_CNT
LATCH_CNT
LATCH_ERR
LATCH_ALM
LATCH_CNT
Count Latched
Count Hold Time
0
Never
Until read clear
1
ONESEC interval
ONESEC interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com