Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 166 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 166 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 162Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 163Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 164Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 165Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 166Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 167Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 168Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 169Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 170Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 323 page
background image
Bt8370/8375/8376
3.8 Receiver Registers
Fully Integrated T1/E1 Framer and Line Interface
3-48
Conexant
N8370DSE
RLOFD–RLOFA
RX Reframe Criteria—Determines the number of frame errors the online framer must detect
before declaring a loss of frame alignment [ALM1; addr 047]. Refer to the Receive Framer
mode in [RFRAME; addr 001] (Table 2-3, Criteria for Loss/Recovery of Receive Framer
Alignment) to find which frame bits are monitored.
RZCS
Receive B8ZS/HDB3 Zero Code Substitution (affects only BPV/LCV/EXZ counting)—When
set, the ZCS decoder does not include bipolar violations received as part of a B8ZS/HDB3
code in the LCV error count [addr 054, 055]. Otherwise, all bipolar violations are counted.
EXZ detection criteria is either 8 or 16 consecutive zeros, depending on the RZCS
configuration.
0 = ZCS decoder reports all occurrences of BPV;
also selects EXZ = 16 zeros
1 = ZCS decoder does not report BPVs received as part of ZCS;
also selects EXZ = 8 zeros
041—Receive Test Pattern Configuration (RPATT)
RESEED
Re-seed PRBS Sync Detector (auto clear)—If BSTART is active high, writing a one to
RESEED forces the PRBS sync detector to reseed and search for test pattern sync [PSYNC;
addr 00B]. The reseed and search algorithm remains active until a test pattern sync is found.
0 = no effect
1 = reseed and search for test pattern sync
When inverted data mode is selected, initiating RESEED [RPATT; addr 041] while
receiving all 1s will cause false pattern sync. In such cases, check receive slip buffers to see if
not all 1s is being received, then re-enable RESEED.
BSTART
Enable PRBS Detector and Start Counting PRBS Bit Errors—BERR [addr 058, 059] counting
is enabled when BSTART is active high and a pattern sync is found [PSYNC=1; addr 00B];
otherwise, the BERR counter holds its present value until cleared by a processor read.
0 = PRBS detector disabled and BERR stops counting
1 = enable PRBS detector and BERR counter
T1/E1N
RLOFD–A
Reframe Criteria
0
0100
3 Consecutive FAS or 915 CRC errors
0
1100
3 Consecutive FAS Errors
1
0001
2 out of 4 F-bit errors
1
0010
2 out of 5 F-bit errors
1
0100
2 out of 6 F-bit errors
NOTE:
Other RLOFD–RLOFA combinations are invalid. RAIS and
RLOF status is disabled if RLOFD–RLOFA equal all zeros.
7
6
5
4
3
2
1
0
——
RESEED
BSTART
FRAMED
ZLIMIT
RPATT[1]
RPATT[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com