Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 164 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 164 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 160Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 161Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 162Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 163Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 164Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 165Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 166Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 167Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 168Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 323 page
background image
Bt8370/8375/8376
3.7 Receive LIU Registers
Fully Integrated T1/E1 Framer and Line Interface
3-46
Conexant
N8370DSE
02A—Pre_Equalizer (PRE_EQ)
PRE_EQ[7:0]
Internally set to default value during RESET or RST_LIU. PRE_EQ is an analog filter that
resides after the VGA and which operates independently of the adaptive digital equalizer.
PRE_EQ compensates for distortion introduced by long and extended long-haul lines. To
configure this register, please see Table 3-9, Receive LIU Register Settings versus Application.
030–037—LMS Adjusted Equalizer Coefficient Status (COEFF)
COEFF[7:0]
8-Bit Adjusted Coefficient.
038–03C—Equalizer Gain Thresholds (GAIN)
GAIN[5:0]
Default loaded from ROM after RESET or RST_LIU.
7
6
5
4
3
2
1
0
FORCE
ON
VTHRESH[5:0]
Force
ON
0X
Auto
11
Forced On
1
0
Forced Off
7
6
5
4
3
2
1
0
COEFF[7]
COEFF[6]
COEFF[5]
COEFF[4]
COEFF[3]
COEFF[2]
COEFF[1]
COEFF[0]
7
6
5
4
3
2
1
0
——
GAIN[5]
GAIN[4]
GAIN[3]
GAIN[2]
GAIN[1]
GAIN[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com