Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 163 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 163 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 159Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 160Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 161Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 162Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 163Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 164Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 165Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 166Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 167Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.7 Receive LIU Registers
N8370DSE
Conexant
3-45
029—Variable Gain Amplifier Status
VGA[5:0]
Indicates the current VGA gain level. The processor must write to this register (any value)
before reading it to allow internal latches to update. The internal VGA has 64 gain values with
code value 0x3F (63 dec) equal to maximum gain. The processor can estimate the line
attenuation (or received signal level) in dB relative to a 3 V peak pulse level, according to the
following table:
or:
0.77 dB/step—under 10 dB
1.25 dB/step—10–40 dB
1.67 dB/step—40–50 dB
2.80 dB/step—50 dB
Figure 3-1. Receive Equalizer Eye Pattern Output
± Error
Tolerance
± Error
Tolerance
± Full Scale
Positive
Pulse Height
Negative
Pulse Height
ADDRESS 028 - EQ OUTPUT LEVEL (EQ_OUT)
7
6
5
4
3
2
1
0
——
VGA[5]
VGA[4]
VGA[3]
VGA[2]
VGA[1]
VGA[0]
Line Attenuation
0
10
20
30
40
50
60
64dB
VGA Gain
0x0F
0x1C
0x23
0x2B
0x34
0x3A
0x3D
0x3F (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com