Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 159 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 159 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 155Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 156Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 157Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 158Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 159Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 160Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 161Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 162Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 163Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.7 Receive LIU Registers
N8370DSE
Conexant
3-41
BPV
Bipolar Violation—Reports one or more bipolar violations detected on RTIP/RRING data
inputs. Depending on RZCS [addr 040], the BPV may include bipolar violations received as
part of a B8ZS or HDB3 0 code substitution. Detection of BPV or LCV errors can be selected,
regardless of whether or not receive ZCS decoding is enabled [RAMI; addr 040]. BPV is
latched active high upon detection of the first error. The active high hold interval is defined by
LATCH_ERR [addr 046]. BPV errors are also accumulated in LCV count [addr 054, 055].
EYEOPEN
Equalization State—EYE OPEN indicates the real-time status of RLIU adaptive equalizer, and
is intended only for diagnostic testing. Remains active as long as a valid receive AMI signal is
present on RTIP/RRING. When SQUELCH [addr 020] is enabled and EYEOPEN status is 0,
RLIU data outputs are forced to 0.
0= Indicates the received signal is not valid.
1= Indicates the received signal is valid and the RPLL is locked.
PRE_EQ
Pre-Equalizer status. Indicates whether the pre-equalizer is enabled (on) or disabled (off).
0= PRE_EQ is off
1= PRE_EQ is on
See PRE_EQ register [addr 02A]
022—Receive LIU Configuration (RLIU_CR)
FRZ_SHORT
Freeze equalizer for short lines—When set, the equalizer is not updated when the received
signal is approximately –15 dB or larger.
0 = equalizer updates for all lines
1 = enable equalizer freezing if short line
HI_CSLICE
High Clock Slicer Threshold.
0 = normal operation
AGC[1:0]
AGC Observation Window—Set to 0x11 for normal operation. Determines the period, in bit
times, for Automatic Gain Control updates.
00 = 32 bits
01 = 128 bits
10 = 512 bits
11 = 2048 bits
EQ_FRZ
Freeze EQ Coefficients.
0 = normal operation, equalizer always updates depending on
FRZ_SHORT setting
1 = freeze coefficients, equalizer does not update. Does not affect AGC
operation
BPV
T1/E1N
RZCS
BPV Status
0X
X
No error
1
0
0
All BPVs, including HDB3 coded BPV
1
0
1
Code violation per ITU 0.162 (two consecutive BPVs of
same polarity)
1
1
0
All BPVs, including B8ZS coded BPV
1
1
1
Only BPVs that are not part of B8ZS
7
6
5
4
3
2
1
0
FRZ_SHORT
HI_CSLICE
AGC[1]
AGC[0]
EQ_FRZ
OOR_BLOCK
RLB0
LONG_EYE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com