Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 157 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 157 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 153Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 154Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 155Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 156Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 157Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 158Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 159Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 160Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 161Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 323 page
background image
Bt8370/8375/8376
Fully Integrated T1/E1 Framer and Line Interface
3.7 Receive LIU Registers
N8370DSE
Conexant
3-39
020—LIU Configuration (LIU_CR)
NOTE:
Bits 0 and 1 are reserved and should be written to the values shown.
RST_LIU
Reset RLIU—Writing a 1 to RST_LIU resets the RLIU, reinitializes the receive equalizer, and
re-attempts signal acquisition. The processor must reset the RLIU after changing ATTN, or
after changing equalizer coefficients [EQ_DAT; addr 025]. Optionally, it can be reset in
response to an extended alarm condition.
0 = normal
1 = reset RLIU (self clears)
SQUELCH
Enable Squelch—Data slicer outputs from RLIU are forced to 0 until EYEOPEN [addr 021] =
1. SQUELCH is useful for long haul applications when near-end crosstalk may be of sufficient
magnitude to prevent accurate loss of signal detection.
0 = no effect
1 = squelch data slicer output
FORCE_VGA
FORCE VGA—Internal Variable Gain Amplifier (VGA) is set to equal the value programmed
in VGA_MAX register (addr 024). This bit is used for test purposes only.
0 = normal operation
1 = force VGA to VGA_MAX (test mode only)
RDIGI
Enable Receive Digital Inputs—When set, RDIGI bypasses RLIU and enables
RPOSI/RNEGI/RCKI inputs provided by an external line interface; otherwise, bipolar
RTIP/RRING inputs are enabled, RCKI input is ignored, and RPLL recovers the received
clock.
0 = RTIP/RRING inputs enabled
1 = RPOSI/RNEGI/RCKI inputs enabled
ATTN[1:0]
Bridge Attenuation—The receive equalizer can automatically compensate for signal level
attenuation caused by placement of bridge resistors in series with the normal receive
termination resistance. Bridge compensation scales the equalizer coefficients because they are
loaded from internal ROM; therefore, any change to the ATTN setting must be followed by an
RLIU reset command (RST_LIU).
7
6
5
4
3
2
1
0
RST_LIU
SQUELCH
FORCE_VGA
RDIGI
ATTN[1]
ATTN[0]
0
1
ATTN
Bridge Attenuation
Bridge Resistance
00
0 dB
None
01
–10 dB
300
Ω
10
–20 dB
1000
Ω
11
–30 dB
1500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com